Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6933 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OZ6933
Description  ACPI CardBus Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6933 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OZ6933 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6933 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OZ6933
07/20/00
OZ6933-SF-1.7
Page 1
Copyright 2000 by O2Micro
All Rights Reserved
ACPI CardBus Controller
FEATURES
ACPI-PCI Bus Power Management Interface
Specification Rev 1.1 Compliant
Supports OnNow LAN wakeup, OnNow Ring Indicate,
PCI CLKRUN#, PME#, and CardBus CCLKRUN#
Compliant with PCI specification v2.2, 2000 PC Card
Standard 7.1
Yenta™ PCI to PCMCIA CardBus Bridge register
compatible
ExCA (Exchangeable Card Architecture) compatible
registers mappable in memory and I/O space
Intel
TM 82365SL PCIC Register Compatible
Supports PCMCIA_ATA Specification
Supports 5V/3.3V PC Cards and 3.3V CardBus cards
Supports two PC Card or CardBus slots with hot
insertion and removal
Supports multiple FIFOs for PCI/CardBus data transfer
Supports Direct Memory Access for PC/PCI and
PCI/Way on PC Card socket
Programmable interrupt protocol: PCI, PCI+ISA,
PCI/Way, or PC/PCI interrupt signaling modes
Win’98 IRQ and PC-98/99 compliant
Supports parallel or serial interface for socket power
control including devices from Micrel and TI
Zoomed Video Support; Zoomed Video Buffer Enable
Pins
D3cold state PME# wakeup support
3.3Vaux Power Support
Integrated PC 98/99 -Subsystem Vendor ID support,
with auto lock bit
LED Activity Pins
ORDERING INFORMATION
OZ6933T – 208 pin TQFP
OZ6933B – 208 pin Mini-BGA
GENERAL DESCRIPTION
The OZ6933 is an ACPI and PC98/99 logo certified, high
performance, dual slot PC Card controller with a synchron-
ous 32-bit bus master/target PCI interface. This PC Card
to PCI bridge host controller is compliant with the 2000 PC
Card Standard. This standard incorporates the new 32-bit
CardBus while retaining the 16-bit PC Card specification as
defined by PCMCIA release 2.1. CardBus is intended to
support “temporal” add-in functions on PC Cards, such as
Memory cards, Network interfaces, FAX/Modems and other
wireless communication cards, etc. The high performance
and capability of the CardBus interface will enable the new
development of many new functions and applications.
The OZ6933 CardBus controller is compliant with the latest
ACPI-PCI Bus Power Management Interface Specification.
It supports all four power states and the PME# function for
maximum power savings and ACPI compliance. Additional
compliance to OnNow Power Management includes D3cold
state support, paving the way for low sleep state power
consumption and minimized resume times. To allow host
software to reduce power consumption further, the OZ6933
provides a power-down mode in which internal clock
distribution and the PC Card socket clocks are stopped. An
advanced CMOS process is also used to minimize system
power consumption.
The OZ6933 dual PCMCIA socket supports two 3.3V/5V
8/16-bit PC Card R2 cards or 32-bit CardBus R3 cards. The
R2 card support is compatible with the Intel 82365SL PCIC
controller, and the R3 card support is fully compliant with
the 2000 PC Card Standard CardBus specification. The
OZ6933 is a stand alone device, which means that it does
not require an additional buffer chip for the PC Card socket
interface. In addition, the OZ6933 supports dynamic PC
Card hot insertion and removal, with auto configuration
capabilities.
The OZ6933 is fully compliant with the 33Mhz PCI Bus
specification, v2.2. It supports a master device with intern-
al CardBus direct data transfer. The OZ6933 implements a
FIFO data buffer architecture between the PCI bus and
CardBus socket interface to enhance data transfers to
CardBus devices. The bi-directional FIFO buffer permits the
OZ6933 to accept data from a target bus (PCI or CardBus
interface) while simultaneously transferring data. This
architecture not only speeds up data transfers but also
prevents system deadlocks.
The OZ6933 is a PCMCIA R2/CardBus controller, providing
the most advanced design flexibility for PC Cards that inter-
face with advanced notebook designs.


Similar Part No. - OZ6933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
OZ6912B ETC-OZ6912B Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
OZ6912T ETC-OZ6912T Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
More results

Similar Description - OZ6933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com