Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS10L25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10L25
Description  Low drop power Schottky rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L25 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10L25 Datasheet HTML 1Page - STMicroelectronics STPS10L25 Datasheet HTML 2Page - STMicroelectronics STPS10L25 Datasheet HTML 3Page - STMicroelectronics STPS10L25 Datasheet HTML 4Page - STMicroelectronics STPS10L25 Datasheet HTML 5Page - STMicroelectronics STPS10L25 Datasheet HTML 6Page - STMicroelectronics STPS10L25 Datasheet HTML 7Page - STMicroelectronics STPS10L25 Datasheet HTML 8Page - STMicroelectronics STPS10L25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
STPS10L25
2/12
DocID3619 Rev 5
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5 square wave
TC = 140 °C
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
395
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature (1)
150
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Max .value
Unit
Rth(j-c)
Junction to case
1.5
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
800
µA
Tj = 125 °C
-
135
260
mA
VF(1)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
0.46
V
Tj = 125 °C
-
0.30
0.35
Tj = 25 °C
IF = 20 A
-
0.55
Tj = 125 °C
-
0.41
0.48
Notes:
(1)Pulse test: tp = 380 µs, δ < 2%
To evaluate the maximum conduction losses, use the following equation:
P = 0.22 x IF(AV) + 0.013 x IF2(RMS)


Similar Part No. - STPS10L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L25D STMICROELECTRONICS-STPS10L25D Datasheet
91Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L25G STMICROELECTRONICS-STPS10L25G Datasheet
91Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L25G-TR STMICROELECTRONICS-STPS10L25G-TR Datasheet
91Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS10L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com