Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3064C Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # W3064C
Description  Dual Feed GNSS/2.4GHz Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3064C Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button W3064C Datasheet HTML 3Page - Pulse A Technitrol Company W3064C Datasheet HTML 4Page - Pulse A Technitrol Company W3064C Datasheet HTML 5Page - Pulse A Technitrol Company W3064C Datasheet HTML 6Page - Pulse A Technitrol Company W3064C Datasheet HTML 7Page - Pulse A Technitrol Company W3064C Datasheet HTML 8Page - Pulse A Technitrol Company W3064C Datasheet HTML 9Page - Pulse A Technitrol Company W3064C Datasheet HTML 10Page - Pulse A Technitrol Company W3064C Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Issue: 1714
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Dual Feed GNSS/2.4GHz Ceramic
PART NUMBER: W3064C
Series: Ceramic
7
MECHANICAL DRAWING
PWB features
No.
Terminal Name
Terminal Dimensions
1
Feed BT/GNSS*
1.35 x 1.40 mm
2
Feed GNSS/BT*
1.35 x 1.40 mm
3
GND
1.35 x 1.40 mm
4
GND
1.35 x 1.40 mm
5
GND
1.00 x 1.00 mm
6
GND
1.00 x 1.00 mm
7
GND
1.35 x 0.70 mm
8
GND
1.35 x 0.75 mm
*Antenna orientation can be rotated freely by 180
degrees because of the symmetrical pad layout.
Recommended Antenna Pad Dimensions on PWB Layout (Top surface)


Similar Part No. - W3064C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3062A PULSE-W3062A Datasheet
265Kb / 5P
   1.575GHz GPS Ceramic Chip Antenna
More results

Similar Description - W3064C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
951-003-XXX TEC-951-003-XXX Datasheet
819Kb / 2P
   GNSS (GPS/GLONASS)/ WLAN (2.4GHz/5.8GHz) Screw Antenna
logo
Pulse A Technitrol Comp...
GNSSMMSMA PULSE-GNSSMMSMA Datasheet
932Kb / 9P
   28dBi GNSS Mag Mount Antenna, Coax Feed
logo
Qorvo, Inc
QM28012 QORVO-QM28012 Datasheet
1Mb / 23P
   L5 GPS-LMB/GNSS/2.4GHz WiFi/5GHz WiFi 6E Antennaplexer
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Unictron Technologies C...
H2U94W1H1G0300 UNICTRON-H2U94W1H1G0300 Datasheet
1Mb / 27P
   GNSS Ceramic Chip Antenna
H2U14W1H2A0100 UNICTRON-H2U14W1H2A0100 Datasheet
1Mb / 23P
   GNSS Ceramic Chip Antenna
H2UC4W1H2D0300 UNICTRON-H2UC4W1H2D0300 Datasheet
1Mb / 27P
   GNSS Ceramic Chip Antenna
logo
TE Connectivity Ltd
955-162-XXX TEC-955-162-XXX Datasheet
344Kb / 3P
   CELLULAR (2G/3G)/ GNSS (GPS/GLONASS)/ WLAN/Bluetooth (2.4GHz) Screw Antenna
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Pulse A Technitrol Comp...
W3008G PULSE-W3008G Datasheet
1Mb / 15P
   2.4GHz Ceramic Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com