Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2010FS-1397R6L Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC2010FS-1397R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC2010FS-1397R6L Datasheet(HTML) 4 Page - YAGEO Corporation

  RC2010FS-1397R6L Datasheet HTML 1Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 2Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 3Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 4Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 5Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 6Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 7Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 8Page - YAGEO Corporation RC2010FS-1397R6L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
4
10
SERIES
RC_L
0075 to 2512
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
RC0075
0.30±0.01
0.15±0.01
0.10±0.01
0.08±0.03
0.08±0.03
RC0100
0.40±0.02
0.20±0.02
0.13±0.02
0.10±0.03
0.10±0.03
RC0201
0.60±0.03
0.30±0.03
0.23±0.03
0.10±0.05
0.15±0.05
RC0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
RC0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.15
0.25±0.15
RC0805
2.00±0.10
1.25±0.10
0.50±0.10
0.35±0.20
0.35±0.20
RC1206
3.10±0.10
1.60±0.10
0.55±0.10
0.45±0.20
0.40±0.20
RC1210
3.10±0.10
2.60±0.15
0.50±0.10
0.45±0.15
0.50±0.20
RC1218
3.10±0.10
4.60±0.10
0.55±0.10
0.45±0.20
0.40±0.20
RC2010
5.00±0.10
2.50±0.15
0.55±0.10
0.45±0.15
0.50±0.20
RC2512
6.35±0.10
3.10±0.15
0.55±0.10
0.60±0.20
0.50±0.20
DIMENSION
Table 1
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
CHARAC-
TERISTICS
POWER
OPERATING
TEMPERATURE
RANGE
MAXIMUM
WORKING
VOLTAGE
MAXIMUM
OVERLOAD
VOLTAGE
DIELECTRIC
WITHSTANDING
VOLTAGE
RESISTANCE
RANGE
TEMPERATURE
COEFFICIENT
JUMPER
CRITERIA
RC0075
1/50 W
-55℃ to 125℃
10V
25V
25V
5% (E24)
10Ω≦R≦1MΩ
1% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
10Ω≦R<100Ω
-200~+600ppm℃
100Ω≦R≦1MΩ
±200ppm℃
Rated Current
0.5A
Maximum
Current
1.0A
RC0100
1/32 W
-55℃ to 125℃
15V
30V
30V
5% (E24)
1Ω≦R≦22MΩ
1% (E24/E96)
1Ω≦R≦10MΩ
0.5% (E24/E96)
33Ω≦R≦470KΩ
Jumper<50mΩ
1Ω≦R<10Ω
-200~+600ppm℃
10Ω≤ R < 100Ω:
±300ppm/°C
100Ω≤ R ≤ 10MΩ:
±200ppm/°C
10MΩ< R ≤ 22MΩ:
±250ppm/°C
Rated Current
0.5A
Maximum
Current
1.0A
RC0201
1/20 W
-55℃ to 125℃
25V
50V
50V
5% (E24)
1Ω≦R≦10MΩ
1% (E24/E96)
1Ω≦R≦10MΩ
0.1%, 0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
1Ω≦R≦10Ω
-100~+350ppm℃
10Ω<R≦10MΩ
±200ppm℃
Rated Current
0.5A
Maximum
Current
1.0A


Similar Part No. - RC2010FS-1397R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC2010FS-1397R6P YAGEO-RC2010FS-1397R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC2010FS-1397R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com