Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3915 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # W3915
Description  3G 880-960/1710-2170MHz GNSS Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3915 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button W3915 Datasheet HTML 3Page - Pulse A Technitrol Company W3915 Datasheet HTML 4Page - Pulse A Technitrol Company W3915 Datasheet HTML 5Page - Pulse A Technitrol Company W3915 Datasheet HTML 6Page - Pulse A Technitrol Company W3915 Datasheet HTML 7Page - Pulse A Technitrol Company W3915 Datasheet HTML 8Page - Pulse A Technitrol Company W3915 Datasheet HTML 9Page - Pulse A Technitrol Company W3915 Datasheet HTML 10Page - Pulse A Technitrol Company W3915 Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Issue: 1703
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 3G 880-960/1710-2170MHz +
GNSS Antenna
PART NUMBER: W3915
Series: Internal FPC Antenna
CHARTS
7
(1) Antenna attached on 2mm thick polycarbonate plate during electrical parameters’ measurements


Similar Part No. - W3915

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3915 PULSE-W3915 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
More results

Similar Description - W3915

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3538XXXXX PULSE-W3538XXXXX Datasheet
1Mb / 19P
   824-960/1710-2170MHz 2G/3G Pentaband PCB antenna with coax feed
W1903 PULSE-W1903 Datasheet
1Mb / 14P
   824-960/1710-2170MHz Right Angle Stick Antenna
logo
TE Connectivity Ltd
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
   880-960 & 1710-2300 MHz DUAL BAND ANTENNA
logo
Tyco Electronics
1-2823592-1 MACOM-1-2823592-1 Datasheet
240Kb / 1P
   TRANSIT ANTENNA MiMo with GPS/GNSS,2X 698-960/1710-6000 MHZ
logo
Pulse A Technitrol Comp...
W4120GNSS5000 PULSE-W4120GNSS5000 Datasheet
1Mb / 13P
   3G/ACTIVE GNSS BLADE ANTENNA
logo
TE Connectivity Ltd
1513434-1 TEC-1513434-1 Datasheet
1Mb / 2P
   880 ??60 & 1710 ??880 MHz Dual Band Antenna (EU Dual)
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2520080T1T WALSIN-RFDIP2520080T1T Datasheet
651Kb / 8P
   1710~2170MHz/2300~2690MHz Working Frequency
logo
TE Connectivity Ltd
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
602-440-XXX TEC-602-440-XXX Datasheet
1Mb / 4P
   CELLULAR (2G/3G)/ GNSS (GPS/GLONASS) Adhesive Antenna
602-434-XXX TEC-602-434-XXX Datasheet
2Mb / 7P
   CELLULAR (2G/3G)/ GNSS (GPS/GLONASS) Screw Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com