Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3917B0100 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # W3917B0100
Description  2.4/5GHZ FPC ANTENNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3917B0100 Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button W3917B0100 Datasheet HTML 6Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 7Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 8Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 9Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 10Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 11Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 12Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 13Page - Pulse A Technitrol Company W3917B0100 Datasheet HTML 14Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Issue: 1714
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2.4/5GHz FPC antenna
PART NUMBER: W3917XXXX
Series: Internal Antenna
CHARTS
10
Typical free space radiation pattern
WIFI2.4GHz
(*) All RF parameters measured on 2mm thick
PC plate
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2450MHz
2500MHz
Theta Angle (°)
-3.95
2.48
42.
5
-4.52
2.22
42.
5
-4.42
2.08
47.
5
YZ Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2450MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2500MHz
Y
Z


Similar Part No. - W3917B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3917B0100 PULSE-W3917B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
More results

Similar Description - W3917B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3918B0050 PULSE-W3918B0050 Datasheet
1Mb / 14P
   2.4/5GHZ FPC ANTENNA
W3918XXXX PULSE-W3918XXXX Datasheet
1Mb / 14P
   Description: 2.4/5GHz FPC antenna
W3334B0100 PULSE-W3334B0100 Datasheet
1Mb / 15P
   FPC ANTENNA 2.4
logo
Molex Electronics Ltd.
PS-146153-100 MOLEX-PS-146153-100 Datasheet
406Kb / 7P
   2.4/5GHz Balance Flex Antenna
2015/11/23
PS-146175-001 MOLEX-PS-146175-001 Datasheet
318Kb / 5P
   2.4/5GHz SMT Chip Antenna
2016-05-06
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
   2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
logo
Pulse A Technitrol Comp...
W3715 PULSE-W3715 Datasheet
1Mb / 15P
   2.4/5GHz Dualband WiFi SMT Antenna
W3712 PULSE-W3712 Datasheet
2Mb / 17P
   : 2.4/5GHz Vertical mount PCB Antenna
logo
Abracon Corporation
PRO-OB-536 ABRACON-PRO-OB-536 Datasheet
963Kb / 13P
   2.4/5GHz OnBoard WLAN SMD - Antenna
logo
Molex Electronics Ltd.
0479500001 MOLEX11-0479500001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com