Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3125 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC3125
Description  Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC3125 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC3125 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC3125 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC3125 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SC3125
C185
www.gmicroelec.com
Rev.A
1
FEATURES
Good Linearity of fT.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC3125
HH
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
50
mA
IB
Base Current
25
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +125
Pb
Lead-free


Similar Part No. - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3125 TOSHIBA-2SC3125 Datasheet
174Kb / 3P
   NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE RF AMPLIFIER APPLICATIONS)
2SC3125 TOSHIBA-2SC3125 Datasheet
552Kb / 4P
   Silicon NPN Epitaxial Planar Type TV Final Picture IF Amplifier Applications
logo
Guangdong Kexin Industr...
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
   Silicon NPN Epitaxial Planar Type
logo
Inchange Semiconductor ...
2SC3125 ISC-2SC3125 Datasheet
166Kb / 4P
   isc Silicon NPN RF Transistor
logo
Shenzhen Luguang Electr...
2SC3125 LUGUANG-2SC3125 Datasheet
1Mb / 2P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com