Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC808-25 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BC808-25
Description  PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC808-25 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BC808-25 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC808-25 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC808-25 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Ga
Production specification
PNP General Purpose Amplifier
BC808-16/-25/-40
C180
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA IE=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V IE=0
-0.1
μ
A
Emitter cut-off current
IEBO
VCE=-4V IC=0
-0.1
μ
A
DC current gain
808-16
808-25
808-40
hFE
VCE=-1V IC=-100mA
100
160
250
250
400
630
DC current gain
808-16
808-25
808-40
hFE
VCE=-1V IC=-300mA
60
100
170
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA IB=-50mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA IB=-50mA
-1.2
V
Output capacitance
Cobo
VCB=-10V,f=1.0MHz
10
pF
Transition frequency
fT
VCE=-5V,IC=-50mA
f=100MHz
200
MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - BC808-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC808-25 SIEMENS-BC808-25 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Micro Commercial Compon...
BC808-25 MCC-BC808-25 Datasheet
317Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Fairchild Semiconductor
BC808-25 FAIRCHILD-BC808-25 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Shenzhen Luguang Electr...
BC808-25 LUGUANG-BC808-25 Datasheet
1Mb / 2P
   PNP General Purpose Amplifier
logo
Infineon Technologies A...
BC808-25 INFINEON-BC808-25 Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BC808-25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com