Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC575 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC575
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC575 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC575 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC575 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature AC575
22.0
21.0
20.0
19.0
Gain vs Temperature AC514
Noise Figure
K EY: + 25
°C
+85
°C
- 55
°C
16.0
14.0
12.0
10.0
8.0
Power Output at 1 dB Compression
50
40
30
20
10
Intercept Point AC575
50
40
30
20
10
Intercept Point AC514
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
3.5
3.0
2.5
2.0
22.0
21.0
20.0
19.0
AC514
AC575
AC514
AC575
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
AC575/AC514
Model: AC575
Vcc=+15V
Icc=24.84
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
1
1.20
1.39
21.1
-25.8
3
1.08
1.21
21.1
-25.6
5
1.04
1.19
21.1
4.274
-25.5
20
1.04
1.17
21.1
1.184
-25.6
50
1.03
1.17
21.1
0.603
-25.4
100
1.06
1.16
20.9
0.631
-25.7
200
1.04
1.18
21.0
0.557
-25.4
300
1.09
1.22
20.9
0.572
-25.3
400
1.17
1.30
21.0
0.586
-25.3
500
1.29
1.43
21.0
0.647
-25.0
600
1.47
1.64
21.0
0.713
-24.6
LINEAR S-PARAMETERS
Model: AC575
Vcc=+15V
Icc=24.84
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.09
-129.4
11.31
-159.9
0.051
24.0
0.16
-129.8
3
0.04
-156.8
11.37
-174.2
0.052
8.0
0.09
-158.9
5
0.02
-161.9
11.36
-177.2
0.053
5.0
0.09
-168.7
20
0.02
-176.5
11.32
176.4
0.053
-0.0
0.08
176.3
50
0.01
158.1
11.30
169.8
0.054
-3.0
0.08
167.9
100
0.03
-173.9
11.15
158.7
0.052
-7.0
0.08
159.6
200
0.02
-156.8
11.28
138.4
0.054
-11.0
0.08
143.5
300
0.04
-142.7
11.13
117.9
0.054
-17.0
0.10
130.4
400
0.08
-145.8
11.23
96.8
0.054
-25.0
0.13
119.2
500
0.13
-167.6
11.24
73.3
0.056
-31.0
0.18
105.6
600
0.19
174.9
11.26
47.9
0.059
-38.0
0.24
88.8
700
0.29
157.6
10.67
21.4
0.060
-48.0
0.32
68.0
Model: AC575
Vcc=+12V
Icc=19.87
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.14
1.32
20.6
-25.4
3
1.02
1.14
20.7
-25.2
5
1.03
1.12
20.7
4.099
-25.2
20
1.06
1.11
20.7
1.174
-25.2
50
1.03
1.10
20.7
0.609
-25.2
100
1.03
1.10
20.5
0.615
-25.2
200
1.08
1.13
20.7
0.558
-25.1
300
1.13
1.19
20.6
0.568
-25.0
400
1.21
1.29
20.7
0.591
-24.8
500
1.35
1.46
20.8
0.652
-24.4
600
1.54
1.72
20.7
0.717
-24.2
Model: AC514
Vcc=+15V
Icc=33.80
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.12
1.18
20.9
-25.7
3
1.12
1.16
20.8
-25.8
5
1.12
1.15
20.8
1.186
-25.7
20
1.09
1.15
20.7
0.737
-25.7
50
1.09
1.14
20.7
0.570
-25.7
100
1.12
1.14
20.6
0.594
-25.7
200
1.12
1.15
20.8
0.561
-25.6
300
1.18
1.15
20.7
0.576
-25.7
400
1.29
1.20
20.8
0.602
-25.6
500
1.42
1.32
20.7
0.678
-25.4
600
1.61
1.55
20.7
0.754
-25.0
Model: AC514
Vcc=+12V
Icc=27.02
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.05
1.13
20.6
-25.6
3
1.08
1.11
20.5
-25.6
5
1.06
1.11
20.5
1.387
-25.4
20
1.04
1.10
20.5
0.716
-25.4
50
1.05
1.10
20.5
0.553
-25.4
100
1.08
1.10
20.4
0.603
-25.6
200
1.08
1.11
20.5
0.551
-25.4
300
1.19
1.15
20.4
0.576
-25.4
400
1.30
1.24
20.6
0.608
-25.3
500
1.49
1.40
20.6
0.686
-25.0
600
1.70
1.68
20.4
0.756
-24.6


Similar Part No. - AC575

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AC5701 LEIDITECH-AC5701 Datasheet
268Kb / 3P
   Modular airless ionization rod
AC5702 LEIDITECH-AC5702 Datasheet
260Kb / 3P
   Modular air source ion bar
logo
Teledyne Technologies I...
AC572 TELEDYNE-AC572 Datasheet
182Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
logo
Texas Instruments
AC573 TI-AC573 Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Teledyne Technologies I...
AC573 TELEDYNE-AC573 Datasheet
174Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC519 ETC-AC519 Datasheet
120Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC524 ETC-AC524 Datasheet
119Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
Teledyne Technologies I...
AC576 TELEDYNE-AC576 Datasheet
179Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC558 ETC-AC558 Datasheet
106Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
Teledyne Technologies I...
AC581 TELEDYNE-AC581 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC582 TELEDYNE-AC582 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC509 ETC1-AC509 Datasheet
107Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1523 TELEDYNE-AC1523 Datasheet
179Kb / 2P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC508 ETC-AC508 Datasheet
75Kb / 1P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
   5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com