Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAV0020WP Datasheet(PDF) 3 Page - Total Power International

Part # MAV0020WP
Description  Miniature AC Varistor ??MAV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAV0020WP Datasheet(HTML) 3 Page - Total Power International

  MAV0020WP Datasheet HTML 1Page - Total Power International MAV0020WP Datasheet HTML 2Page - Total Power International MAV0020WP Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
63
IMPACT OF AC VOLTAGE ON LEAKAGE CURRENT
PHYSICAL DIMENSIONS AND RECOMMENDED PAD LAYOUT
Miniature AC Varistor – MAV
Low Power AC and Low Capacitance DC Circuit Protection
-60
0.2
0.15
0.1
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
-0.3
-40
-20
0
20
40
Temperature (ºC)
120 V Peak to Peak
165 V Peak to Peak
60
80
100
120
140
T
W
BL
L
A
B
D
C
W
P
T
BW
BL
L
E
A
B
C
D
LW
T
BW
BL
P
A
B
C
D
E
MAV0010
1.60 ± 0.15
0.80 ± 0.15
0.90 Max
N/A
0.35 ± 0.15
N/A
0.89
0.76
2.54
0.76
N/A
(0.063±0.006) (0.032±0.006)
(0.035) Max
(0.014±0.006)
(0.035)
(0.030)
(0.100)
(0.030)
MAV0020
1.00 ± 0.15
1.37 ± 0.15
0.66 Max
0.36 ± 0.10
0.20 ± 0.10
0.64 REF
0.46
0.74
1.20
0.30
0.64
(0.039±0.006) (0.054±0.006)
(0.026) Max
(0.014±0.004) (0.008±0.004)
(0.025)REF
(0.018)
(0.029)
(0.047)
(0.012)
(0.025)
MAV0040
1.00±0.10
0.50±0.10
0.60 Max
N/A
0.25±0.15
N/A
0.61
0.51
1.70
0.51
N/A
(0.040±0.004) (0.020±0.004)
(0.024) Max
(0.010±0.006)
(0.024)
(0.020)
(0.067)
(0.020)


Similar Part No. - MAV0020WP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MAV0020WP AVX-MAV0020WP Datasheet
88Kb / 3P
   Miniature AC Varistor ??MAV
MAV0020WP AVX-MAV0020WP Datasheet
125Kb / 3P
   Low Power AC and Low Capacitance DC Circuit Protection
MAV0020WP AVX-MAV0020WP_17 Datasheet
125Kb / 3P
   Low Power AC and Low Capacitance DC Circuit Protection
More results

Similar Description - MAV0020WP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MAV0020WP AVX-MAV0020WP Datasheet
88Kb / 3P
   Miniature AC Varistor ??MAV
MAV0040WP AVX-MAV0040WP Datasheet
354Kb / 4P
   Miniature AC Varistor ??MAV Low Power AC Circuit Protection
MAV0010 AVX-MAV0010 Datasheet
128Kb / 4P
   Miniature AC Varistor
logo
MMD Components
MAP MMD-MAP_12 Datasheet
111Kb / 2P
   MAP, MAL & MAV Series Oscillator
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com