Electronic Components Datasheet Search |
|
RC0201DK-7N97R6L Datasheet(PDF) 6 Page - YAGEO Corporation |
|
RC0201DK-7N97R6L Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 10 page Chip Resistor Surface Mount www.yageo.com Feb. 17, 2017 V.5 Product specification 6 10 SERIES RC_L 0075 to 2512 CHARAC- TERISTICS POWER OPERATING TEMPERATURE RANGE MAXIMUM WORKING VOLTAGE MAXIMUM OVERLOAD VOLTAGE DIELECTRIC WITHSTANDING VOLTAGE RESISTANCE RANGE TEMPERATURE COEFFICIENT JUMPER CRITERIA RC1210 1/2 W -55℃ to 155℃ 200V 500V 500V 5% (E24) 1Ω≦R≦22MΩ 1% (E24/E96) 1Ω≦R≦10MΩ 0.1%, 0.5% (E24/E96) 10Ω≦R≦1MΩ Jumper<50mΩ 1Ω≦R≦10Ω ±200ppm℃ 10Ω<R≦10MΩ ±100ppm℃ 10MΩ<R≦22MΩ ±200ppm℃ Rated Current 2.0A Maximum Current 10.0A RC1218 1 W -55℃ to 155℃ 200V 500V 500V 5% (E24) 1Ω≦R≦1MΩ 1% (E24/E96) 1Ω≦R≦1MΩ 0.1%, 0.5% (E24/E96) 10Ω≦R≦1MΩ Jumper<50mΩ 1Ω≦R≦10Ω ±200ppm℃ 10Ω<R≦1MΩ ±100ppm℃ Rated Current 6.0A Maximum Current 10.0A RC2010 3/4 W -55℃ to 155℃ 200V 500V 500V 5% (E24) 1Ω≦R≦22MΩ 1% (E24/E96) 1Ω≦R≦10MΩ 0.1%, 0.5% (E24/E96) 10Ω≦R≦1MΩ Jumper<50mΩ 1Ω≦R≦10Ω ±200ppm℃ 10Ω<R≦10MΩ ±100ppm℃ 10MΩ<R≦22MΩ ±200ppm℃ Rated Current 2.0A Maximum Current 10.0A RC2512 1 W -55℃ to 155℃ 200V 500V 500V 5% (E24) 1Ω≦R≦22MΩ 1% (E24/E96) 1Ω≦R≦10MΩ 0.1%, 0.5% (E24/E96) 10Ω≦R≦1MΩ Jumper<50mΩ 1Ω≦R≦10Ω ±200ppm℃ 10Ω<R≦10MΩ ±100ppm℃ 10MΩ<R≦22MΩ ±200ppm℃ Rated Current 2.0A Maximum Current 10.0A 2 W -55℃ to 155℃ 200V 400V 500V 5% (E24) 1Ω≦R≦1MΩ 1% (E24/E96) 1Ω≦R≦1MΩ 1Ω≦R≦1MΩ ±200ppm℃ FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting” Table 2 |
Similar Part No. - RC0201DK-7N97R6L |
|
Similar Description - RC0201DK-7N97R6L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |