Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU303 Datasheet(PDF) 2 Page - Total Power International

Part # MAU303
Description  SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU303 Datasheet(HTML) 2 Page - Total Power International

  MAU303 Datasheet HTML 1Page - Total Power International MAU303 Datasheet HTML 2Page - Total Power International MAU303 Datasheet HTML 3Page - Total Power International MAU303 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAU300 SERIES
DC/DC CONVERTER 2W, SIP-Package
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output VoltageAccuracy
---
±1.0
±3.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise
max. 20MHz Bandwidth
---
100
150
mVP-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max.
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1000
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
80
120
pF
Switching Frequency
50
80
100
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
---
---
Hours
Input Fuse
5V Input Models
12V Input Models
24V Input Models
1000mASlow-Blow Type
500mASlow-Blow Type
200mASlow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Ripple & Noise measurement bandwidth is 0-20MHz.
3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
4 All DC/DC converters should be externally fused at the front end for protection.
5 Other input and output voltage may be available, please contact factory.
6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7 Specifications are subject to change without notice.
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MAU303

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU303 TOTAL-POWER-MAU303 Datasheet
281Kb / 4P
   MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU303 MINMAX-MAU303 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU303 MINMAX-MAU303 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU303 MINMAX-MAU303 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
More results

Similar Description - MAU303

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com