Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDR-60 Datasheet(PDF) 1 Page - Total Power International

Part # MDR-60
Description  60W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDR-60 Datasheet(HTML) 1 Page - Total Power International

  MDR-60 Datasheet HTML 1Page - Total Power International MDR-60 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MDR-60-5
MDR-60-12
MDR-60-24
MDR-60-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.5
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
24V
48V
10A
5A
2.5A
1.25A
0~10A
0~5A
0~2.5A
0~1.25A
50W
60W
60W
60W
80mVp-p
120mVp-p
150mVp-p
24~30V
200mVp-p
48~56V
2.0%
1.0%
1.0%
1.0%
12~15V
5~6V
1.0%
1.0%
1.0%
1.0%
1.5%
1.0%
1.0%
1.0%
500ms,30ms/230VAC500ms,30ms/115VAC atfullload
50ms/230VAC20ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
78%
86%
88%
87%
1.8A/115VAC1A/230VAC
COLDSTART 30A/115VAC60A/230VAC
105~150% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
6.25~7.25V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
15.6~18V
31.2~36V
57.6~64.8V
-20~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:
eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
10~500Hz,2G10min./1cycle,periodfor60min.
299.2Khrsmin.MIL-HDBK-217F(25
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
UL508,UL60950-1,
pproved,NECclass2/LPScompliant(24V,48Vonly)
TUVEN60950-1a
Complianceto EN61000-3-2,-3
60WSingleOutputIndustrialDINRailPowerSupply
M D R - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
EMICONDUCTION&RADIATION
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
NEC class 2 / LPS compliant (24V,48V only)
LED indicator for power on
DC OK relay contact
No load power consumption<0.75W
100% full load burn-in test
3 years warranty
Features :
40*90*100mm(W*H*D)
0.33Kg;42pcs/14.8Kg/0.82CUFT
LEAKAGECURRENT
<1mA /240VAC
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC25
70%RH
FUNCTION DCOKSIGNAL
Relaycontactrating(max.):30V/1A resistive
CompliancetoEN55011,EN55022(CISPR22),EN61204-3ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2,EN61204-3,heavyindustrylevel,criteria A
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - MDR-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
257Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
MDR-60-12 MEANWELL-MDR-60-12 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
MDR-60-12 MEANWELL-MDR-60-12 Datasheet
257Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
MDR-60-24 MEANWELL-MDR-60-24 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-60 ASTRODYNE-DR-60 Datasheet
283Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-60 ALTECH-PS-60_1 Datasheet
87Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60_11 Datasheet
257Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60_11 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60_10 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com