Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU209 Datasheet(PDF) 2 Page - Total Power International

Part # MAU209
Description  SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU209 Datasheet(HTML) 2 Page - Total Power International

  MAU209 Datasheet HTML 1Page - Total Power International MAU209 Datasheet HTML 2Page - Total Power International MAU209 Datasheet HTML 3Page - Total Power International MAU209 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAU200 SERIES
DC/DC CONVERTER 1W, SIP-Package, High Isolation
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Internal Filter Type
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output VoltageAccuracy
---
±1.0
±3.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise
max. 20MHz Bandwidth
---
65
100
mVP-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max.
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
3000
---
---
VDC
I/O Isolation Resistance
500 VDC
10
---
---
G
I/O Isolation Capacitance
100KHz, 1V
---
60
100
pF
Switching Frequency
70
100
120
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
---
---
Hours
Input Fuse
5V Input Models
12V Input Models
24V Input Models
500mASlow-Blow Type
200mASlow-Blow Type
100mASlow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Total Power International, Inc.


Similar Part No. - MAU209

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU209 TOTAL-POWER-MAU209 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU209 MINMAX-MAU209 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MAU209 MINMAX-MAU209 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU209 MINMAX-MAU209 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
More results

Similar Description - MAU209

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com