Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU315 Datasheet(PDF) 1 Page - Total Power International

Part # MAU315
Description  SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU315 Datasheet(HTML) 1 Page - Total Power International

  MAU315 Datasheet HTML 1Page - Total Power International MAU315 Datasheet HTML 2Page - Total Power International MAU315 Datasheet HTML 3Page - Total Power International MAU315 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
SIP Package with Industry Standard Pinout
Package Dimension:
19.5 x 10.2 x 7.6 mm (0.77”x 0.4”x 0.3”)
Single and Dual Output Models
I/O-Isolation 1000 VDC
Operating Temp. Range -40°C to +85°C
3 Years Product Warranty
PRODUCT OVERVIEW
The MAU300 series is a range of 2W DC/DC converters in a small SIP Package featuring an I/O-isolation of 1000VDC. An excellent efficiency allows an
operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,
digital interfaces or for board level power distribution with isolated voltages.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MAU301
3.3
500
10
452
11
73
MAU302
5
400
8
526
11
76
MAU303
12
165
3
495
7
80
MAU304
15
133
2.5
499
7
470
80
MAU305
±5
±200
±4
519
10
77
MAU306
±12
±83
±1.5
504
7
79
MAU307
5
(4.5 ~ 5.5)
±15
±66
±1
501
60
7
390#
79
MAU311
3.3
500
10
185
8
74
MAU312
5
400
8
212
8
78
MAU313
12
165
3
200
5
82
MAU314
15
133
2.5
200
5
470
83
MAU315
±5
±200
±4
210
8
79
MAU316
±12
±83
±1.5
201
5
82
MAU317
12
(10.8 ~ 13.2)
±15
±66
±1
200
30
5
390#
82
MAU321
3.3
500
10
92
8
74
MAU322
5
400
8
108
8
77
MAU323
12
165
3
101
5
81
MAU324
15
133
2.5
101
5
470
82
MAU325
±5
±200
±4
105
8
79
MAU326
±12
±83
±1.5
102
5
81
MAU327
24
(21.6 ~ 26.4)
±15
±66
±1
100
15
5
390#
82
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Internal Filter Type
Pi Filter
Internal Power Dissipation
All Models
---
---
650
mW
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MAU315

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU315 TOTAL-POWER-MAU315 Datasheet
281Kb / 4P
   MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU315 MINMAX-MAU315 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU315 MINMAX-MAU315 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU315 MINMAX-MAU315 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
More results

Similar Description - MAU315

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com