Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPW1042 Datasheet(PDF) 5 Page - Total Power International

Part # MPW1042
Description  25~30W wide input range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW1042 Datasheet(HTML) 5 Page - Total Power International

  MPW1042 Datasheet HTML 1Page - Total Power International MPW1042 Datasheet HTML 2Page - Total Power International MPW1042 Datasheet HTML 3Page - Total Power International MPW1042 Datasheet HTML 4Page - Total Power International MPW1042 Datasheet HTML 5Page - Total Power International MPW1042 Datasheet HTML 6Page - Total Power International MPW1042 Datasheet HTML 7Page - Total Power International MPW1042 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Derating Curve with Heatsink
Derating Curve without Heatsink
~
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
Input Voltage (V)
50
60
70
80
90
100
Nom
Low
High
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
MPW1000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com


Similar Part No. - MPW1042

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1042 TOTAL-POWER-MPW1042 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1042 MINMAX-MPW1042 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1042 MINMAX-MPW1042 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
More results

Similar Description - MPW1042

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
FEW DIWELL-FEW Datasheet
1Mb / 9P
   20-30W WIDE INPUT RANGE
2016/09/20
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP25AU TOPPOWER-TP25AU Datasheet
723Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TP25AU TOPPOWER-TP25AU_18 Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
logo
List of Unclassifed Man...
LT101 ETC-LT101 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com