Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2539 Datasheet(PDF) 3 Page - Total Power International

Part # MKW2539
Description  Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2539 Datasheet(HTML) 3 Page - Total Power International

  MKW2539 Datasheet HTML 1Page - Total Power International MKW2539 Datasheet HTML 2Page - Total Power International MKW2539 Datasheet HTML 3Page - Total Power International MKW2539 Datasheet HTML 4Page - Total Power International MKW2539 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MKW2500 SERIES
DC/DC CONVERTER 15W
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+80
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Derating Curve without Heatsink
Derating Curve with Heatsink
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
To order the converter with Remote On/Off function, add suffix RC (e.g. MKW2521-RC) to order code.
8
To order the converter with input filter meeting EN55022, Class A , add suffix A (e.g. MKW2521A) to order code.
9
To order the converter with heatsink, add suffix H (e.g. MKW2521H) to order code.
10
Specifications subject to change without notice.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MKW2539

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2539 MINMAX-MKW2539 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2539 MINMAX-MKW2539 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
More results

Similar Description - MKW2539

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
   2:1 Wide Input Voltage Range
logo
Recom International Pow...
RW2 RECOM-RW2 Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
RTC2 RECOM-RTC2 Datasheet
814Kb / 7P
   2:1 Wide Input Range Regulated Converter
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com