Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPW1032 Datasheet(PDF) 2 Page - Total Power International

Part # MPW1032
Description  25~30W wide input range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW1032 Datasheet(HTML) 2 Page - Total Power International

  MPW1032 Datasheet HTML 1Page - Total Power International MPW1032 Datasheet HTML 2Page - Total Power International MPW1032 Datasheet HTML 3Page - Total Power International MPW1032 Datasheet HTML 4Page - Total Power International MPW1032 Datasheet HTML 5Page - Total Power International MPW1032 Datasheet HTML 6Page - Total Power International MPW1032 Datasheet HTML 7Page - Total Power International MPW1032 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
89
{18
702
{65
{1000
{15
MPW1047
89
{15
702
{83
{1250
{12
MPW1046
89
18
702
133
2000
15
MPW1044
89
15
702
166
2500
12
MPW1043
85
6.8
613
350
5000
5
MPW1042
82
3.9
25
10
461
400
5500
3.3
48
( 36 ~ 75 )
MPW1041
89
{18
1404
{65
{1000
{15
MPW1037
89
{15
1404
{83
{1250
{12
MPW1036
89
18
1404
133
2000
15
MPW1034
89
15
1404
166
2500
12
MPW1033
85
6.8
1225
350
5000
5
MPW1032
82
3.9
50
20
922
400
5500
3.3
24
( 18 ~ 36 )
MPW1031
88
{18
2841
{65
{1000
{15
MPW1027
88
{15
2841
{83
{1250
{12
MPW1026
88
18
2841
133
2000
15
MPW1024
88
15
2841
166
2500
12
MPW1023
84
6.8
2480
350
5000
5
MPW1022
81
3.9
100
40
1867
400
5500
3.3
12
( 9 ~ 18 )
MPW1021
% (Typ.)
VDC
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Over
Voltage
Protection
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
220
220
470
470
470
470
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
1500mA Slow - Blow Type
3000mA Slow - Blow Type
6000mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
Input Specifications
Pi Filter
Input Filter
mW
4500
---
---
Short Circuit Input Power
A
2
---
---
All Models
Reverse Polarity Input Current
34
33
32
48V Input Models
17
16.5
16
24V Input Models
8.5
8.3
8.1
12V Input Models
Under Voltage Shutdown
36
35
34
48V Input Models
18
17.5
17
24V Input Models
VDC
9
8.8
8.6
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
MPW1000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com


Similar Part No. - MPW1032

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1032 TOTAL-POWER-MPW1032 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1032 MINMAX-MPW1032 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1032 MINMAX-MPW1032 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
More results

Similar Description - MPW1032

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
FEW DIWELL-FEW Datasheet
1Mb / 9P
   20-30W WIDE INPUT RANGE
2016/09/20
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP25AU TOPPOWER-TP25AU Datasheet
723Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TP25AU TOPPOWER-TP25AU_18 Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
logo
List of Unclassifed Man...
LT101 ETC-LT101 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com