Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2547 Datasheet(PDF) 4 Page - Total Power International

Part # MKW2547
Description  Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2547 Datasheet(HTML) 4 Page - Total Power International

  MKW2547 Datasheet HTML 1Page - Total Power International MKW2547 Datasheet HTML 2Page - Total Power International MKW2547 Datasheet HTML 3Page - Total Power International MKW2547 Datasheet HTML 4Page - Total Power International MKW2547 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MKW2500 SERIES
DC/DC CONVERTER 15W
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote On/Off (Optional)
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
50.8x25.4x10.2mm (2.0x1.0x0.40 Inches)
Case Material
:
Metal With Non-Conductive Baseplate
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Weight
:
32g
Heatsink (Option –H)
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Black Anodized Coating
Weight
:
9g
The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability
and reliability of DC/DC converters at high
operating temperature atmosphere.
2. To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
Bottom View
10.16
5.08
6.0
10.2
[0.24]
[0.40]
[0.40]
10.16
[0.40]
7.62
[0.30]
[0.20]
7.62
[0.30]
25.4 [1.00]
2.54
[0.10]
3
4
5
1
26
1.1 [0.04]
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MKW2547

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2547 TOTAL-POWER-MKW2547 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2547 MINMAX-MKW2547 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2547 MINMAX-MKW2547 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW2547A TOTAL-POWER-MKW2547A Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
More results

Similar Description - MKW2547

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
   2:1 Wide Input Voltage Range
logo
Recom International Pow...
RW2 RECOM-RW2 Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
RTC2 RECOM-RTC2 Datasheet
814Kb / 7P
   2:1 Wide Input Range Regulated Converter
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com