Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPW1021 Datasheet(PDF) 8 Page - Total Power International

Part # MPW1021
Description  25~30W wide input range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW1021 Datasheet(HTML) 8 Page - Total Power International

  MPW1021 Datasheet HTML 1Page - Total Power International MPW1021 Datasheet HTML 2Page - Total Power International MPW1021 Datasheet HTML 3Page - Total Power International MPW1021 Datasheet HTML 4Page - Total Power International MPW1021 Datasheet HTML 5Page - Total Power International MPW1021 Datasheet HTML 6Page - Total Power International MPW1021 Datasheet HTML 7Page - Total Power International MPW1021 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2.To upgrade the operating temperature of DC/DC converters,
please refer to Derating Curve.
1.To help heat dissipation and increase the stability and reliability
of DC/DC converters at high operating temperature atmosphere.
*The advantages of adding a heatsink are:
2g
:
Weight
Anodic treatment (black)
:
Finish
Aluminum
:
Heatsink Material
55.32[2.18]Max
16.3[0.64]Max
Heat-sink
Thermal pad
Clamp
Converter
UL94V-0
:
Flammability
48g
:
Weight
Metal With Non-Conductive Baseplate
:
Case Material
2.0*1.6*0.37 inches
50.8*40.6*9.3 mm
:
Case Size
9.3[0.37]
6.0 [0.24]
2
1
6
7
Bottom
Side
8
4
7.6 [0.30]
5
40.6 [1.60]
10.20 [0.402] 10.20 [0.402] 10.20 [0.402]
5.0 [0.20]
5.10 [0.201]
Physical Characteristics
Mechanical Dimensions
Trim
Trim
8
-Vout
-Vout
7
Common
+Vout
6
+Vout
No Pin
5
Remote On/Off
Remote On/Off
4
-Vin
-Vin
2
+Vin
+Vin
1
The MPW1000 converter is encapsulated in a low thermal
resistance molding compound that has excellent
resistance/electrical characteristics over a wide temperature
range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0
flammability specifications.
Leads are tin plated for improved solderability.
Dual Output
Single Output
Pin
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
MPW1000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com


Similar Part No. - MPW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1021 MINMAX-MPW1021 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1021 MINMAX-MPW1021 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
More results

Similar Description - MPW1021

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
FEW DIWELL-FEW Datasheet
1Mb / 9P
   20-30W WIDE INPUT RANGE
2016/09/20
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP25AU TOPPOWER-TP25AU Datasheet
723Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TP25AU TOPPOWER-TP25AU_18 Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
logo
List of Unclassifed Man...
LT101 ETC-LT101 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com