Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL1821UA-A Datasheet(PDF) 8 Page - Micronas

Part # HAL1821UA-A
Description  Linear Hall-Effect Sensor Family in SOT89B Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1821UA-A Datasheet(HTML) 8 Page - Micronas

Back Button HAL1821UA-A Datasheet HTML 4Page - Micronas HAL1821UA-A Datasheet HTML 5Page - Micronas HAL1821UA-A Datasheet HTML 6Page - Micronas HAL1821UA-A Datasheet HTML 7Page - Micronas HAL1821UA-A Datasheet HTML 8Page - Micronas HAL1821UA-A Datasheet HTML 9Page - Micronas HAL1821UA-A Datasheet HTML 10Page - Micronas HAL1821UA-A Datasheet HTML 11Page - Micronas HAL1821UA-A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HAL1821...HAL1823
DATA SHEET
8
Aug. 2, 2013; DSH000162_001EN
Micronas
3.2. Dimensions of Sensitive Area
0.2mm x 0.1mm
3.3. Position of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this circuit.
All voltages listed are referenced to ground (GND).
SOT89B-1
y
0.95 mm nominal
A4
0.4 mm nominal
D1
2.55
0.05 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
Condition
VSUP
Supply Voltage
1
8.5
14.4
15
8.5
14.4
16
V
t < 96 h, not additive
t < 10 min.
t < 1 min.
not additive
VOUT
Output Voltage
3
0.51)
0.51)
0.51)
8.5
14.4
16
Vt < 96 h
t < 10 min.
t < 1 min.
not additive
VOUTVSUP
Excess of Output Voltage
over Supply Voltage
1,3
0.5
V
IOUT
Continuous Output Current
3
55
mA
tSh
Output Short Circuit Duration
3
10
min
TJ
Junction Temperature under
Bias
40
190
°C
2)
VESD
ESD Protection3)
1,2,3
4.0
4.0
kV
1) internal protection resistor = 50
2) for 96h - Please contact Micronas for other temperature requirements
3) 100 pF and 1.5 k


Similar Part No. - HAL1821UA-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1821 MICRONAS-HAL1821 Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
   Linear Hall-Effect Sensor Family in TO92UA Package
More results

Similar Description - HAL1821UA-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
   Linear Hall-Effect Sensor Family in TO92UA Package
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
HAL1820 MICRONAS-HAL1820 Datasheet
243Kb / 2P
   Programmable Linear Hall-Effect Sensor Family
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
   Programmable Linear Hall-Effect Sensor in TO92 Package
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com