Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL856 Datasheet(PDF) 11 Page - Micronas

Part # HAL856
Description  Programmer Board
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 11 Page - Micronas

Back Button HAL856 Datasheet HTML 7Page - Micronas HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
11
2.7.
Error Flag Codes
Each response sent from the programmer board to the PC contains a status or error
flag.
Note: For safe programming, the evaluation of the error flags is mandatory.
Table 2–4:
Error flag description
Error Flag
Description
0
No error; status OK
1
Unspecified system error
2
Output low-level detection failure
3
Missing acknowledge (ACK)
4
ACK time-out failure
5
Bit time < 1 ms
6
VPROG out of range


Similar Part No. - HAL856

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL856 MICRONAS-HAL856 Datasheet
990Kb / 42P
   Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
HAL856UT-A MICRONAS-HAL856UT-A Datasheet
990Kb / 42P
   Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
HAL856UT-K MICRONAS-HAL856UT-K Datasheet
990Kb / 42P
   Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
More results

Similar Description - HAL856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Arizona Microtek, Inc
AZPB70 AZM-AZPB70 Datasheet
930Kb / 15P
   Programmer Board Kit for AZT70/71
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
logo
Renesas Technology Corp
R20UT2921EJ0100 RENESAS-R20UT2921EJ0100 Datasheet
159Kb / 19P
   Renesas Flash Programmer
RL78 RENESAS-RL78 Datasheet
976Kb / 61P
   Renesas Flash Programmer
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
   HW-130 Programmer
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
   AT89ISP Programmer Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com