Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL1000 Datasheet(PDF) 8 Page - Micronas

Part # HAL1000
Description  Programmer Board
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1000 Datasheet(HTML) 8 Page - Micronas

Back Button HAL1000 Datasheet HTML 4Page - Micronas HAL1000 Datasheet HTML 5Page - Micronas HAL1000 Datasheet HTML 6Page - Micronas HAL1000 Datasheet HTML 7Page - Micronas HAL1000 Datasheet HTML 8Page - Micronas HAL1000 Datasheet HTML 9Page - Micronas HAL1000 Datasheet HTML 10Page - Micronas HAL1000 Datasheet HTML 11Page - Micronas HAL1000 Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
8
Sept. 19, 2013; APN000046_03EN
Micronas
2. Functional Description
The Hall programmer board V 5.1 serves as a communication interface between a PC
and the programmable Hall sensor connected to the board.
With a specific programming software, command strings are sent to the board, which
generate the serial protocol pattern for the sensor. After sending the protocol, the board
reads back the answer of the Hall sensor or
in case of a communication error gener-
ates an error flag.
Depending on the command, the board can send the answer of the Hall sensor back to
the PC.
The Hall programmer board V 5.1 can be connected to a serial port of a PC (COM1,
COM2, COM3, or COM4) using a 1:1 cable with SUB-D-9 plugs.
2.1.
Software
For each of the programmable Hall sensor families, a specific PC software exists. This
software provides a graphical user interface based on Microsoft Visual Basic or Lab-
View.
For detailed information on the software, please refer to the software documentation
enclosed in the software installation CD.
2.2.
Firmware
The firmware of the board is stored in an on-board flash memory. The current version
number of the firmware can be read out by sending a “v” command followed by a “t”
command (see Table 4–2).
If the Micronas VB software is used, the firmware version number is read out by select-
ing the menu item:
Help
 About.
It is easily possible to do a firmware update (see Section 3.4.1).
2.3.
Power-On Self-Test
Firmware version 1.27 or higher provides a power-on self-test procedure:
– After setting the supply voltage or pushing the reset button, the board performs a
self-test and measures all voltage levels.
– In case of an error, the status flag is set and the error LED ignites.
– If this happens, disconnect all sensors and try again. If the error persists, please
contact your supplier.


Similar Part No. - HAL1000

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1000 MICRONAS-HAL1000 Datasheet
813Kb / 28P
   Programmable Hall Switch
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
813Kb / 28P
   Programmable Hall Switch
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
HAL1000UT-K MICRONAS-HAL1000UT-K Datasheet
813Kb / 28P
   Programmable Hall Switch
HAL1000UT-K MICRONAS-HAL1000UT-K Datasheet
1Mb / 30P
   Programmable Hall Switch
More results

Similar Description - HAL1000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Arizona Microtek, Inc
AZPB70 AZM-AZPB70 Datasheet
930Kb / 15P
   Programmer Board Kit for AZT70/71
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
logo
Renesas Technology Corp
R20UT2921EJ0100 RENESAS-R20UT2921EJ0100 Datasheet
159Kb / 19P
   Renesas Flash Programmer
RL78 RENESAS-RL78 Datasheet
976Kb / 61P
   Renesas Flash Programmer
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
   HW-130 Programmer
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
   AT89ISP Programmer Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com