Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD5N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD5N95K5
Description  Ultra-low gate charge
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD5N95K5 Datasheet HTML 1Page - STMicroelectronics STD5N95K5 Datasheet HTML 2Page - STMicroelectronics STD5N95K5 Datasheet HTML 3Page - STMicroelectronics STD5N95K5 Datasheet HTML 4Page - STMicroelectronics STD5N95K5 Datasheet HTML 5Page - STMicroelectronics STD5N95K5 Datasheet HTML 6Page - STMicroelectronics STD5N95K5 Datasheet HTML 7Page - STMicroelectronics STD5N95K5 Datasheet HTML 8Page - STMicroelectronics STD5N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
January 2017
DocID024639 Rev 4
1/26
This is information on a product in full production.
www.st.com
STD5N95K5, STF5N95K5,
STP5N95K5, STU5N95K5
N-
channel 950 V, 2 Ω typ., 3.5 A MDmesh™ K5
Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
Ptot
STD5N95K5
950 V
2.5 Ω
3.5 A
70 W
STF5N95K5
25 W
STP5N95K5
70 W
STU5N95K5
70 W
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These very high voltage N-channel Power
MOSFETs are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STD5N95K5
5N95K5
DPAK
Tape and reel
STF5N95K5
TO-220FP
Tube
STP5N95K5
TO-220
STU5N95K5
IPAK
TAB
TO-220
1
2
3
TO-220FP
IPAK
TAB
1
2
3
1
2
3
1
3
TAB
2
DPAK


Similar Part No. - STD5N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N95K3 STMICROELECTRONICS-STD5N95K3 Datasheet
1Mb / 23P
   N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
More results

Similar Description - STD5N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com