Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD9N60M2
Description  Extremely low gate charge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STD9N60M2 Datasheet HTML 1Page - STMicroelectronics STD9N60M2 Datasheet HTML 2Page - STMicroelectronics STD9N60M2 Datasheet HTML 3Page - STMicroelectronics STD9N60M2 Datasheet HTML 4Page - STMicroelectronics STD9N60M2 Datasheet HTML 5Page - STMicroelectronics STD9N60M2 Datasheet HTML 6Page - STMicroelectronics STD9N60M2 Datasheet HTML 7Page - STMicroelectronics STD9N60M2 Datasheet HTML 8Page - STMicroelectronics STD9N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
May 2013
DocID024399 Rev 2
1/21
21
STD9N60M2, STP9N60M2,
STU9N60M2
N-channel 600 V, 0.72
Ω typ., 5.5 A MDmesh II Plus™ low Q
g
Power MOSFET in DPAK, TO-220 and IPAK packages
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower R
DS(on)
x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Qg. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters.
TO-220
1
2
3
TAB
1
3
TAB
DPAK
3
2
1
TAB
IPAK
AM15572v1
, TAB
Order codes
VDS @
TJmax
RDS(on)
max
ID
STD9N60M2
650 V
0.78
Ω
5.5 A
STP9N60M2
STU9N60M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STD9N60M2
9N60M2
DPAK
Tape and reel
STP9N60M2
TO-220
Tube
STU9N60M2
IPAK
Tube
www.st.com


Similar Part No. - STD9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD9N60M6 STMICROELECTRONICS-STD9N60M6 Datasheet
328Kb / 15P
   N‑channel 600 V 670 mΩ typ., 6 A MDmesh M6 Power MOSFET in a DPAK package
Rev 1 - November 2020
More results

Similar Description - STD9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com