Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT118H Datasheet(PDF) 5 Page - Quantum Research Group

Part # QT118H
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT118H Datasheet(HTML) 5 Page - Quantum Research Group

  QT118H Datasheet HTML 1Page - Quantum Research Group QT118H Datasheet HTML 2Page - Quantum Research Group QT118H Datasheet HTML 3Page - Quantum Research Group QT118H Datasheet HTML 4Page - Quantum Research Group QT118H Datasheet HTML 5Page - Quantum Research Group QT118H Datasheet HTML 6Page - Quantum Research Group QT118H Datasheet HTML 7Page - Quantum Research Group QT118H Datasheet HTML 8Page - Quantum Research Group QT118H Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
that increments with each detection until a limit is reached,
after which the output is activated. If no detection is sensed
prior to the final count, the counter is reset immediately to
zero. The required count is 4.
The Detection Integrator can also be viewed as a 'consensus'
filter, that requires four detections in four successive bursts to
create an output. As the basic burst spacing is 95ms, if this
spacing was maintained through 4 consecutive bursts the
sensor would be very slow to respond. In the QT118H, after
an initial detection is sensed, the remaining three bursts are
spaced only about 2ms apart, so that the slowest reaction
time possible is the fastest possible.
2.1.5 FORCED SENSOR RECALIBRATION
The QT118H has no recalibration pin; a forced recalibration
is accomplished only when the device is powered up.
However, the supply drain is so low it is a simple matter to
treat the entire IC as a controllable load; simply driving the
QT118H's Vdd pin directly from another logic gate or a
microprocessor port (Figure 2-2) will serve as both power and
'forced recal'. The source resistance of most CMOS gates
and microprocessors is low enough to provide direct power
without any problems. Almost any CMOS logic gate can
directly power the QT118H.
A 0.01uF minimum bypass capacitor close to the device is
essential; without it the device can break into high frequency
oscillation.
Option strap configurations are read by the QT118H only on
powerup. Configurations can only be changed by powering
the QT118H down and back up again; a microcontroller can
directly alter most of the configurations and cycle power to
put them in effect.
2.2 OUTPUT FEATURES
The QT118H is designed for maximum flexibility and can
accommodate most popular sensing requirements. These
are selectable using strap options on pins OPT1 and OPT2.
All options are shown in Table 2-1.
OPT1 and OPT2 should never be left floating. If they are
floated, the device will draw excess power and the options
will not be properly read on powerup. Intentionally, there are
no pullup resistors on these lines, since pullup resistors add
to power drain if the pin(s) are tied low.
2.2.1 DC MODE OUTPUT
The output of the device can respond in a ‘DC mode’, where
the output is active-high upon detection. The output will
remain active for the duration of the detection, or until the
Max On-Duration expires, whichever occurs first. If the latter
occurs first, the sensor performs a full recalibration and the
output becomes inactive until the next detection.
In this mode, two nominal Max On-Duration timeouts are
available: 10 and 60 seconds.
2.2.2 TOGGLE MODE OUTPUT
This makes the sensor respond in an on/off mode like a flip
flop. It is most useful for controlling power loads, for example
in kitchen appliances, power tools, light switches, etc.
Max On-Duration in Toggle mode is fixed at 10 seconds.
When a timeout occurs, the sensor recalibrates but leaves
the output state unchanged.
10s
Vdd
Gnd
Pulse
10s
Gnd
Gnd
Toggle
60s
Gnd
Vdd
DC Out
10s
Vdd
Vdd
DC Out
Max On-
Duration
Tie
Pin 4 to:
Tie
Pin 3 to:
Table 2-1 Output Mode Strap Options
2.2.3 PULSE MODE OUTPUT
This generates a positive pulse of 95ms duration with every
new detection. It is most useful for 2-wire operation (see
Figure 1-2), but can also be used when bussing together
several devices onto a common output line with the help of
steering diodes or logic gates, in order to control a common
load from several places.
Max On-Duration is fixed at 10 seconds if in Pulse output
mode.
The piezo beeper drive does not operate in Pulse mode.
2.2.4 HEARTBEAT™ OUTPUT
The output has a full-time HeartBeat™ ‘health’ indicator
superimposed on it. This operates by taking 'Out' into a
tri-state mode for 350µs once before every QT burst. This
output state can be used to determine that the sensor is
operating properly, or, it can be ignored using one of several
simple methods.
Since Out is normally low, a pullup resistor will create positive
HeartBeat pulses (Figure 2-3) when the sensor is not
detecting an object; when detecting an object, the output will
remain active for the duration of the detection, and no
HeartBeat pulse will be evident.
If the sensor is wired to a microcontroller as shown in Figure
2-4, the controller can reconfigure the load resistor to either
ground or Vcc depending on the output state of the device,
so that the pulses are evident in either state.
Electromechanical devices will usually ignore this short
pulse. The pulse also has too low a duty cycle to visibly
activate LED’s. It can be filtered completely if desired, by
adding an RC timeconstant to filter the output, or if interfacing
directly and only to a high-impedance CMOS input, by doing
nothing or at most adding a small non-critical capacitor from
Out to ground (Figure 2-5).
lq
5
QT118H R1.08 / 0405
Figure 2-2 Powering From a CMOS Port Pin
0.01µ F
C M O S
m ic rocon troller
OUT
P ORT X. m
P ORT X. n
Vdd
Vss
QT11 8


Similar Part No. - QT118H

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
More results

Similar Description - QT118H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com