Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD40P3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD40P3LLH6
Description  P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40P3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD40P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD40P3LLH6
4/16
DocID025821 Rev 4
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = -1 mA
-30
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = -30 V
-1
µA
VGS = 0, VDS = -30 V,
TC = 125 °C (1)
-10
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-1
-2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = -20 A
12
15
mΩ
VGS = -4.5 V, ID = -20 A
18
22.5
mΩ
Notes:
(1)Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz,
VGS = 0
-
2615
-
pF
Coss
Output capacitance
-
340
-
pF
Crss
Reverse transfer capacitance
-
235
-
pF
Qg
Total gate charge
VDD = -15 V, ID = -40 A,
VGS = -4.5 V (see Figure
14: "Gate charge test
circuit")
-
24
-
nC
Qgs
Gate-source charge
-
9
-
nC
Qgd
Gate-drain charge
-
8
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = -15 V, ID = -20 A,
RG
= 4.7 Ω, VGS = -10 V
(see Figure 13: "Switching
times test circuit for resistive
load")
-
13.2
-
ns
tr
Rise time
-
93
-
ns
td(off)
Turn-off delay time
-
50
-
ns
tf
Fall time
-
18
-
ns


Similar Part No. - STD40P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40P8F6AG STMICROELECTRONICS-STD40P8F6AG Datasheet
723Kb / 16P
   Automotive-grade P-channel -80 V, 18.5 m typ., -40 A STripFETTM F6 Power MOSFET in a DPAK package
July 2016 Rev 1
More results

Similar Description - STD40P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
   Automotive-grade P-channel -30 V, 11 m廓 typ., -49 A STripFET??H6 Power MOSFET in a DPAK package
August 2015 Rev 1
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
   P-channel -30 V, 12 m廓 typ., -9 A STripFET??H6 Power MOSFET in a PowerFLAT??3.3x3.3 package
March 2016 Rev 2
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
   Automotive-grade P-channel -40 V, 12 m廓 typ., -50 A STripFET??F6 Power MOSFET in a DPAK package
July 2015 Rev 2
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
   P-channel 40 V, 0.0175 廓 typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
March 2015 Rev 2
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
   Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com