Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPR4-T220 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FPR4-T220
Description  Precision Power Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR4-T220 Datasheet(HTML) 1 Page - Riedon Powertron

  FPR4-T220 Datasheet HTML 1Page - Riedon Powertron FPR4-T220 Datasheet HTML 2Page - Riedon Powertron FPR4-T220 Datasheet HTML 3Page - Riedon Powertron FPR4-T220 Datasheet HTML 4Page - Riedon Powertron FPR4-T220 Datasheet HTML 5Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
04/14
FPR FPS 2/4-T220 T221
Precision Power Shunt Resistors
Type
FPR 2-T220/T221
FPS 2-T220
FPR 4-T220/T221
FPS 4-T220
Resistance Range
0.002 to 50 Ohms
Power Rating - Free air 70°C
With heatsink
1.5 W
15 W
Thermal Resistance Rthj-c
4.8 °C/W
Tolerances
from 0.002 Ohms
from 0.01 Ohms
2% / 5%
0.5% / 1% / 2% / 5%
1% / 2% / 5%
0.1% / 0.25% / 0.5% / 1% / 2% / 5%
Stability
0.1% / 0.2% / 0.5%
(depends on stress)
Temperature Coefficient
R < 0.010 Ohms : ±1000 ppm/°C
0.010 ≤ R < 0.040 Ohms : ±500 ppm/°C
0.040 ≤ R < 0.075 Ohms : ±100 ppm/°C
0.075 ≤ R < 0.200 Ohms : ±50 ppm/°C
0.200 ≤ R < 0.500 Ohms : ±25 ppm/°C
0.500 ≤ R : ±15 ppm/°C
±30ppm/°C (20 to 60°C)
±50ppm/°C (-40 to 130°C)
Max. Current
50 A
Voltage Proof
300 VDC
Thermal EMF
< 0.1µV/K
Operating Temperature Range
-40 to 130°C
Resistor Material
CuNiMn-Foil
Substrate
Al
2O3 or anodized aluminium
Housing
Epoxy or PPS
Connector Material
Cu tinned
Terminals
2
4
Max. torque
1 Nm / T221: 0.8 Nm
1 Nm / T221: 0.8 Nm
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance
FPS 4-T220 0.01 Ohms 0.1%
Ordering Information
• Resistances from 0.002Ohm to 50Ohms
• Power Rating to 15Watt
• Resistance Tolerances to ±0.1%
• TCR to ±15ppm/°C
• Load Stability to 0.1%
• TO-220 Housing
• Convenient SMD D2Pak Available
• Isolated Back Plate


Similar Part No. - FPR4-T220

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR4-T220 WILLOW-FPR4-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Riedon Powertron
FPR4-T220 RIEDON-FPR4-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPR4-T220 RIEDON-FPR4-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
More results

Similar Description - FPR4-T220

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FHR4-8065 RIEDON-FHR4-8065 Datasheet
387Kb / 5P
   Precision Power Shunt Resistors
FPR2-T220 RIEDON-FPR2-T220_14 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
   POWER METERING PRECISION SHUNT RESISTORS
logo
Riedon Powertron
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com