Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFP55-20RB1 Datasheet(PDF) 2 Page - Riedon Powertron

Part # MFP55-20RB1
Description  Precision Metal Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MFP55-20RB1 Datasheet(HTML) 2 Page - Riedon Powertron

  MFP55-20RB1 Datasheet HTML 1Page - Riedon Powertron MFP55-20RB1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/14
Test
Procedure
Specification ∆R
Typical ∆R
Dielectric
3X rated Voltage, 1min
±0.2% + 0.1Ω
±0.02%
Load Life
Rated Power, 70°C, 2000hr
±0.5% + 0.01Ω
±0.1%
Temp. Cycling
30 minutes at -55°C & 30 minutes at
150°C ( 5 total number of cycles)
±0.2% + 0.01Ω
±0.05%
Short Time Overload
2.5X Rated Power, 5s @ 25°C
±0.2% + 0.01Ω
±0.02%
Humidity Resistance
40°C, 90 to 95% RH, 56 days
(Dissipitation ≤ 0.01 Pn)
±0.5% + 0.05Ω
±0.1%
Solder Heat
260°C ± 5°C , 10 sec, 6 mm from the
body
±0.1% + 0.01Ω
±0.03%
Shock
1Km/s2
±0.2% + 0.01Ω
±0.02%
Vibration
10 to 2000 Hz: m/S2
±0.2% + 0.01Ω
±0.02%
Low Temperature Expo-
sure
2 hours at -65°C
±0.2% + 0.01Ω
±0.05%
High Temperature Expo-
sure
16 hours at 150°C
±0.2% + 0.01Ω
±0.1%
Solderability
Solder Dip ± 0.5 at 235° ± 5°C
95% Coverage
95% Coverage
Insulation Resistance
500VDC, 1min
10G Ohm
10G Ohm
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
MFP Series
Precision Metal Film Resistors
Performance Data


Similar Part No. - MFP55-20RB1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MFP55 RIEDON-MFP55 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
MFP555 ETC2-MFP555 Datasheet
530Kb / 2P
   GOAT ANTI ANTI-MOUSE IGG G (HL) A ANTIBODY
More results

Similar Description - MFP55-20RB1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
   PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
   PRECISION METAL FILM RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com