Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDLED524 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STDLED524
Description  Very low intrinsic capacitance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED524 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDLED524 Datasheet HTML 5Page - STMicroelectronics STDLED524 Datasheet HTML 6Page - STMicroelectronics STDLED524 Datasheet HTML 7Page - STMicroelectronics STDLED524 Datasheet HTML 8Page - STMicroelectronics STDLED524 Datasheet HTML 9Page - STMicroelectronics STDLED524 Datasheet HTML 10Page - STMicroelectronics STDLED524 Datasheet HTML 11Page - STMicroelectronics STDLED524 Datasheet HTML 12Page - STMicroelectronics STDLED524 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID025164 Rev 1
9/22
STDLED524,STFILED524,STPLED524,STULED524
Test circuits
3
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STDLED524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
   N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
March 2013
More results

Similar Description - STDLED524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
June 2013 Rev 2
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
765Kb / 16P
   Very low intrinsic capacitance
April 2015 Rev 2
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
   Very low intrinsic capacitance
June 2013 Rev 1
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
   Very low intrinsic capacitance
September 2013 Rev 1
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
July 2013 Rev 4
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
   Very low intrinsic capacitance
July 2011 Rev 2
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
   Very low intrinsic capacitances
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com