Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2426E Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # Q2426E
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2426E Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button Q2426E Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 9Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 10Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 11Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 12Page - List of Unclassifed Manufacturers Q2426E Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
9 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
1 General description
1.1 General information
WISMO Quik Q24x6 is a self-contained E-GSM/GPRS 900/1800 or 850/1900 bi-
band module including the following features :
58.4 x 32.2 x 3.9 mm
2 Watts EGSM 900/GSM 850 radio section running under 3.6 Volts
1 Watt GSM1800/1900 radio section running under 3.6 Volts
Digital section running under 2.8 Volts
3V SIM interface
Real Time Clock with calendar
Battery charger
Echo Cancellation + noise reduction
Full GSM or GSM/GPRS software stack
Hardware GPRS class 10 capable
Complete shielding
Complete interfacing :
o
Power supply
o
Serial link
o
Audio
o
SIM card
o
Keyboard
o
LCD (not available with AT commands)
WISMO Quik Q24x6 Series has two external connections :
RF connection pads (to the antenna)
General Purpose Connector (GPC) to Digital, Keyboard, Audio and Supply
WISMO Quik Q24x6 Series is designed to fit in very small terminals and only
some custom functions have to be added to make a complete bi-band solution:
Keypad and LCD module
Earpiece and Microphone
Base connector
Battery
Antenna switch
SIM connector


Similar Part No. - Q2426E

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q24.0-JXS75-12-10 JAUCH-Q24.0-JXS75-12-10 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.0-JXS75-12-30 JAUCH-Q24.0-JXS75-12-30 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-100 JAUCH-Q24.00-SMU4-12-100 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-20 JAUCH-Q24.00-SMU4-12-20 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-30 JAUCH-Q24.00-SMU4-12-30 Datasheet
131Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - Q2426E

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
logo
List of Unclassifed Man...
G21B301111 ETC2-G21B301111 Datasheet
2Mb / 22P
   G21 GSM Hercules Gen.II Penta Band Cellular Antenna Screw-mount GSM/GPRS/CDMA/EVDO/UMTS/HSPA/WCDMA 850/900/1800/1900/2100 MHz
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
Taoglas antenna solutio...
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
List of Unclassifed Man...
FXP14090100A ETC2-FXP14090100A Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
Taoglas antenna solutio...
FXP14RA070100A TAOGLAS-FXP14RA070100A Datasheet
428Kb / 9P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1900/2100 MHz GSM/GPRS/CDMA/HSPA/UMTS
logo
List of Unclassifed Man...
PC27070100A ETC2-PC27070100A Datasheet
252Kb / 8P
   850/900/1800/1900MHz GSM PCB Antenna
PC24090100A ETC2-PC24090100A Datasheet
335Kb / 7P
   850/900/1800/1900MHZ GSM PCB ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com