Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10N105K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10N105K5
Description  Ultra low gate charge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N105K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP10N105K5 Datasheet HTML 3Page - STMicroelectronics STP10N105K5 Datasheet HTML 4Page - STMicroelectronics STP10N105K5 Datasheet HTML 5Page - STMicroelectronics STP10N105K5 Datasheet HTML 6Page - STMicroelectronics STP10N105K5 Datasheet HTML 7Page - STMicroelectronics STP10N105K5 Datasheet HTML 8Page - STMicroelectronics STP10N105K5 Datasheet HTML 9Page - STMicroelectronics STP10N105K5 Datasheet HTML 10Page - STMicroelectronics STP10N105K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STF10N105K5, STP10N105K5, STW10N105K5
Electrical characteristics
DocID026932 Rev 2
7/18
Figure 8: Output characteristics
Figure 9: Transfer characteristics
Figure 10: Gate charge vs gate-source
voltage
Figure 11: Static drain-source on-resistance
Figure 12: Capacitance variation
Figure 13: Normalized gate threshold voltage vs
temperature
ID
4
0
0
5
VDS(V)
10
(A)
15
6V
VGS=9,10, 11V
6
12
20
7V
8V
2
8
10
14
GIPG160920141123LM
ID
10
0
5
7
VGS(V)
9
(A)
6
8
10
2
VDS=20V
4
6
8
12
14
GIPG160920141136LM
VGS
6
4
2
0
0
10
Qg(nC)
(V)
8
15
10
VDD= 840 V
ID= 6 A
12
100
0
200
500
5
VDS
(V)
300
600
400
20
700
800
GIPG160920141152LM
RDS(on)
1.10
1.00
0.90
0
4
ID(A)
(
Ω)
2
6
1.20
VGS=10V
8
10
1.30
1.40
1.50
14
12
1.60
0.80
GIPG160920141211LM
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
GIPG160920141238LM
VGS(th)
0.6
0.4
0.2
0
-50
0
TJ(°C)
(norm)
-
1.2
100
50
100
ID=100µ A
0.8
1
150
GIPG160920141251LM


Similar Part No. - STP10N105K5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STP10N03 SAMHOP-STP10N03 Datasheet
105Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STP10N60M2 STMICROELECTRONICS-STP10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
logo
VBsemi Electronics Co.,...
STP10N60M2 VBSEMI-STP10N60M2 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STP10N62K3 STMICROELECTRONICS-STP10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
logo
VBsemi Electronics Co.,...
STP10N62K3 VBSEMI-STP10N62K3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP10N105K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com