Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10N105K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP10N105K5
Description  Ultra low gate charge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N105K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STP10N105K5 Datasheet HTML 1Page - STMicroelectronics STP10N105K5 Datasheet HTML 2Page - STMicroelectronics STP10N105K5 Datasheet HTML 3Page - STMicroelectronics STP10N105K5 Datasheet HTML 4Page - STMicroelectronics STP10N105K5 Datasheet HTML 5Page - STMicroelectronics STP10N105K5 Datasheet HTML 6Page - STMicroelectronics STP10N105K5 Datasheet HTML 7Page - STMicroelectronics STP10N105K5 Datasheet HTML 8Page - STMicroelectronics STP10N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STF10N105K5, STP10N105K5, STW10N105K5
Electrical characteristics
DocID026932 Rev 2
5/18
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
6
A
ISDM
(1)
Source-drain current (pulsed)
24
A
VSD
(2)
Forward on voltage
ISD = 6 A, VGS = 0
1.5
V
trr
Reverse recovery time
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V
345
ns
Qrr
Reverse recovery charge
3.53
µC
IRRM
Reverse recovery current
20.5
A
trr
Reverse recovery time
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V TJ = 150 °C
540
ns
Qrr
Reverse recovery charge
5.05
µC
IRRM
Reverse recovery current
18.5
A
Notes:
(1)
Pulse width limited by safe operating area.
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ± 1 mA, ID = 0
30
-
-
V
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.


Similar Part No. - STP10N105K5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STP10N03 SAMHOP-STP10N03 Datasheet
105Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STP10N60M2 STMICROELECTRONICS-STP10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
logo
VBsemi Electronics Co.,...
STP10N60M2 VBSEMI-STP10N60M2 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STP10N62K3 STMICROELECTRONICS-STP10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
logo
VBsemi Electronics Co.,...
STP10N62K3 VBSEMI-STP10N62K3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP10N105K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com