Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF12N50DM2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF12N50DM2
Description  Fast-recovery body diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12N50DM2 Datasheet(HTML) 4 Page - STMicroelectronics

  STF12N50DM2 Datasheet HTML 1Page - STMicroelectronics STF12N50DM2 Datasheet HTML 2Page - STMicroelectronics STF12N50DM2 Datasheet HTML 3Page - STMicroelectronics STF12N50DM2 Datasheet HTML 4Page - STMicroelectronics STF12N50DM2 Datasheet HTML 5Page - STMicroelectronics STF12N50DM2 Datasheet HTML 6Page - STMicroelectronics STF12N50DM2 Datasheet HTML 7Page - STMicroelectronics STF12N50DM2 Datasheet HTML 8Page - STMicroelectronics STF12N50DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STF12N50DM2
4/13
DocID026809 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 5: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0 V, ID = 1 mA
500
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 500 V
1
µA
VGS = 0 V, VDS = 500 V,
TC = 125 °C(1)
100
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±25 V
±10
µA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 5.5 A
0.299
0.350
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 100 V, f = 1 MHz,
VGS = 0 V
-
628
-
pF
Coss
Output capacitance
-
38
-
pF
Crss
Reverse transfer
capacitance
-
1.2
-
pF
Coss eq.(1)
Equivalent output
capacitance
VDS = 0 V to 400 V, VGS = 0 V
-
69
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
7
-
Ω
Qg
Total gate charge
VDD = 400 V, ID = 11 A,
VGS = 10 V (see Figure 15: "Test
circuit for gate charge behavior")
-
16
-
nC
Qgs
Gate-source charge
-
4.6
-
nC
Qgd
Gate-drain charge
-
7
-
nC
Notes:
(1) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 250 V, ID = 5.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 14: "Test circuit for
resistive load switching times"
and Figure 19: "Switching time
waveform")
-
12.5
-
ns
tr
Rise time
-
9
-
ns
td(off)
Turn-off-delay time
-
28
-
ns
tf
Fall time
-
9.8
-
ns


Similar Part No. - STF12N50DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF12N50M2 STMICROELECTRONICS-STF12N50M2 Datasheet
677Kb / 13P
   Low gate input resistance
June 2014 Rev 1
STF12N50U STMICROELECTRONICS-STF12N50U Datasheet
571Kb / 12P
   N-channel 500 V, 0.55 Ω, 10 A TO-220FP Ultrafast MESH™ Power MOSFET
March 2010
More results

Similar Description - STF12N50DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
logo
Infineon Technologies A...
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com