Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF13N65M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF13N65M2
Description  Zener-protected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13N65M2 Datasheet(HTML) 4 Page - STMicroelectronics

  STF13N65M2 Datasheet HTML 1Page - STMicroelectronics STF13N65M2 Datasheet HTML 2Page - STMicroelectronics STF13N65M2 Datasheet HTML 3Page - STMicroelectronics STF13N65M2 Datasheet HTML 4Page - STMicroelectronics STF13N65M2 Datasheet HTML 5Page - STMicroelectronics STF13N65M2 Datasheet HTML 6Page - STMicroelectronics STF13N65M2 Datasheet HTML 7Page - STMicroelectronics STF13N65M2 Datasheet HTML 8Page - STMicroelectronics STF13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STF13N65M2,STFI13N65M2
4/15
DocID026893 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0 V
650
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 650 V
1
µA
VDS = 650 V, TC = 125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS =± 25 V
±10
µA
VGS(th)
Gate threshold voltage VDS =VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS =10 V, ID = 5 A
0.37
0.43
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS =0 V
-590
-
pF
Coss
Output capacitance
-
27.5
-
pF
Crss
Reverse transfer
capacitance
-1.1
-
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VDS =0 to 520 V, VGS = 0 V
-
168.5
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
6.5
-
Qg
Total gate charge
VDD = 520 V, ID =10A,
VGS =10 V, (see Figure 15)
-17
-
nC
Qgs
Gate-source charge
-
3.3
-
nC
Qgd
Gate-drain charge
-
7
-
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD =325 V, ID = 5 A,
RG =4.7 Ω, VGS =10V
(see Figure 14 and Figure 19)
-11
-
ns
tr
Rise time
-
7.8
-
ns
td(off)
Turn-off delay time
-
38
-
ns
tf
Fall time
-
12
-
ns


Similar Part No. - STF13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
   N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
More results

Similar Description - STF13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com