Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDM140-300S Datasheet(PDF) 3 Page - SICK AG

Part # IDM140-300S
Description  HAND-HELD SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM140-300S Datasheet(HTML) 3 Page - SICK AG

  IDM140-300S Datasheet HTML 1Page - SICK AG IDM140-300S Datasheet HTML 2Page - SICK AG IDM140-300S Datasheet HTML 3Page - SICK AG IDM140-300S Datasheet HTML 4Page - SICK AG IDM140-300S Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IDM140-300S | IDM14x
HAND-HELD SCANNERS
Function Keyboard wedge, COM-Port emulation
PS/2
Function Keyboard wedge
Optical indicators
2 LEDs (operational status, good read)
Acoustic indicators
Beeper, can be switched off
Vibration
No
Configuration software
IDM Setup Tool
Mechanics/electronics
Operating voltage
5 V DC, ± 10 %
Current consumption
Operation: typ. 180 mA
Standby: typ. 80 mA
Housing color
Black/gray
Enclosure rating
IP41
Weight
157 g, without cable
Dimensions (L x W x H)
98 mm x 71 mm x 157 mm
Ambient data
Shock resistance
24 drops from 1.8 m height on concrete
Ambient operating temperature
–10 °C ... +50 °C
Storage temperature
–40 °C ... +70 °C
Permissible relative humidity
± 95 %, Non-condensing
Ambient light immunity
100,000 lx
General notes
Note
For setting-up operation ia a connection cable and if necessary a power supply unit is addition-
ally required.
Not free of paint wetting impairment substances.
Classifications
ECl@ss 5.0
27280101
ECl@ss 5.1.4
27280101
ECl@ss 6.0
27280101
ECl@ss 6.2
27280101
ECl@ss 7.0
27280101
ECl@ss 8.0
27280101
ECl@ss 8.1
27280101
ECl@ss 9.0
27280101
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
2017-05-12 06:56:32 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - IDM140-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - IDM140-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com