Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF100N6F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF100N6F7
Description  N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N6F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STF100N6F7 Datasheet HTML 1Page - STMicroelectronics STF100N6F7 Datasheet HTML 2Page - STMicroelectronics STF100N6F7 Datasheet HTML 3Page - STMicroelectronics STF100N6F7 Datasheet HTML 4Page - STMicroelectronics STF100N6F7 Datasheet HTML 5Page - STMicroelectronics STF100N6F7 Datasheet HTML 6Page - STMicroelectronics STF100N6F7 Datasheet HTML 7Page - STMicroelectronics STF100N6F7 Datasheet HTML 8Page - STMicroelectronics STF100N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID027211 Rev 3
3/13
STF100N6F7
Electrical ratings
13
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
46(1)
1.
Limited by package
A
ID
Drain current (continuous) at TC = 100 °C
33(1)
A
IDM
(2)
2.
Pulse width is limited by safe operating area
Drain current (pulsed)
184
A
PTOT
Total dissipation at TC = 25 °C
25
W
EAS
(3)
3.
Starting TJ = 25 °C, ID = 20 A, VDD = 30 V
Single pulse avalanche energy
200
mJ
dV/dt(4)
4.
ISD= 46 A; di/dt = 600 A/µs; VDD = 48 V; Tj < Tjmax
Drain-body diode dynamic dV/dt ruggedness
6
V/ns
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t = 1 s; TC= 25 °C)
2500
V
Tj
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
6
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W


Similar Part No. - STF100N6F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF100N6F7 ISC-STF100N6F7 Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF100N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF140N6F7 STMICROELECTRONICS-STF140N6F7 Datasheet
679Kb / 13P
   N-channel 60 V, 0.0031 (ohm) typ., 70 A STripFET F7 Power MOSFET in a TO-220FP package
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
   N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 3 - January 2020
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
   N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
January 2015 Rev 2
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
   N-channel 100 V, 0.0036 廓 typ., 65 A, STripFET??F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
   N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
October 2015
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
   N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com