Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFU620-10101 Datasheet(PDF) 3 Page - SICK AG

Part # RFU620-10101
Description  RFID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RFU620-10101 Datasheet(HTML) 3 Page - SICK AG

  RFU620-10101 Datasheet HTML 1Page - SICK AG RFU620-10101 Datasheet HTML 2Page - SICK AG RFU620-10101 Datasheet HTML 3Page - SICK AG RFU620-10101 Datasheet HTML 4Page - SICK AG RFU620-10101 Datasheet HTML 5Page - SICK AG RFU620-10101 Datasheet HTML 6Page - SICK AG RFU620-10101 Datasheet HTML 7Page - SICK AG RFU620-10101 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RFU620-10101 | RFU62x
RFID
Function Host, AUX
Data transmission rate 10/100 MBit/s
PROFINET
Function PROFINET Single Port, PROFINET Dual Port (optional via external connection module
CDF600-2)
Data transmission rate 10/100 MBit/s
EtherNet/IP™
Data transmission rate 10/100 MBit/s
Serial
✔, RS-232, RS-422, RS-485
Data transmission rate 0.3 kBaud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Remark CSN (SICK CAN Sensor Network)
Function Host
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
Type of fieldbus integration Optional available externally
Switching inputs
4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional parameter storage CMC600 in CDB620/
CDM420)
Switching outputs
4 (“Result 1”, “Result 2”, 2 outputs via optional parameter storage CMC600 in CDB620/
CDM420)
Optical indicators
11 LEDs (function configurable via SOPAS ET, alternatively controlling with sw commands, sta-
tus displays)
Configuration software
SOPAS ET
Mechanics/electronics
Electrical connection
1 x M12, 17-pin male connector
1 x M12, 4-pin Ethernet female connector
Operating voltage
10 V DC ... 30 V DC 1)
Power consumption
8 W, with heating typ. 16 W
Housing
Aluminum die cast
Plastic (PPS)
Enclosure rating
IP67
Protection class
III
Weight
780 g
Dimensions (L x W x H)
137 mm x 131 mm x 56 mm
1) With heating 20 V DC ... 30 V DC.
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-3 (2007) + A1 (2011) / EN 61000-6-2 (2005)
Vibration resistance
EN 60068-2-6 (2008-02)
Shock resistance
EN 60068-2-27 (2009-05)
Ambient operating temperature
–40 °C ... +50 °C
Storage temperature
–40 °C ... +70 °C
Permissible relative humidity
90 %, Non-condensing
2017-05-12 06:56:32 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - RFU620-10101

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFU620-10100 SICK-RFU620-10100 Datasheet
1Mb / 8P
   RFID
More results

Similar Description - RFU620-10101

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
   RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
   RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
   RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
   RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
   RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
   RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
   RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
   RFID
RFU650-10100 SICK-RFU650-10100 Datasheet
872Kb / 7P
   RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
   RFID
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com