Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq294602 Datasheet(PDF) 10 Page - Texas Instruments

Part # bq294602
Description  Single-Cell Protector for Li-Ion Batteries
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq294602 Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq294602 Datasheet HTML 6Page - Texas Instruments bq294602 Datasheet HTML 7Page - Texas Instruments bq294602 Datasheet HTML 8Page - Texas Instruments bq294602 Datasheet HTML 9Page - Texas Instruments bq294602 Datasheet HTML 10Page - Texas Instruments bq294602 Datasheet HTML 11Page - Texas Instruments bq294602 Datasheet HTML 12Page - Texas Instruments bq294602 Datasheet HTML 13Page - Texas Instruments bq294602 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VCELL
OUT
VDD
VSS
bq2946xx
Pack +
Pack –
NC
V1
VSS
RVD
CVD
RIN
CIN
10
bq294602, bq294604, bq294682, bq294624
SLUSAS0D – DECEMBER 2011 – REVISED APRIL 2017
www.ti.com
Product Folder Links: bq294602 bq294604 bq294682 bq294624
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The bq2946xx devices are a family of second-level protectors used for overvoltage protection of the single-cell
battery pack in the application. The OUT pin drives a NMOS FET that connects the fuse to ground in the event of
a fault condition. This provides a shorted path to use the battery and/or charger power to blow the fuse and cut
the power path.
9.1.1 Application Configuration
Changes to the ranges stated in Table 1 may impact the accuracy of the cell measurements. Figure 8 shows
each external component.
NOTE
Connect VSS (pins 3 and 4) externally to the CELL– terminal.
9.2 Typical Application
Figure 8. Application Configuration Schematic
NOTE
Connect VSS (pins 3 and 4) externally to the CELL– terminal.
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Parameters
PARAMETER
EXTERNAL COMPONENT
MIN
NOM
MAX
UNIT
Voltage monitor filter resistance
RIN
900
1000
1100
Ω
Voltage monitor filter capacitance
CIN
0.01
0.1
µF
Supply voltage filter resistance
RVD
100
1K
Ω
Supply voltage filter capacitance
CVD
0.1
µF


Similar Part No. - bq294602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVR TI-BQ294602DRVR Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVR TI1-BQ294602DRVR Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVT TI-BQ294602DRVT Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - bq294602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com