Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV857BIDGG Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCV857BIDGG
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857BIDGG Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCV857BIDGG Datasheet HTML 2Page - Texas Instruments CDCV857BIDGG Datasheet HTML 3Page - Texas Instruments CDCV857BIDGG Datasheet HTML 4Page - Texas Instruments CDCV857BIDGG Datasheet HTML 5Page - Texas Instruments CDCV857BIDGG Datasheet HTML 6Page - Texas Instruments CDCV857BIDGG Datasheet HTML 7Page - Texas Instruments CDCV857BIDGG Datasheet HTML 8Page - Texas Instruments CDCV857BIDGG Datasheet HTML 9Page - Texas Instruments CDCV857BIDGG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Without load
fO = 170 MHz
100
110
Without load
fO = 200 MHz
105
120
Differential outputs
t
i t d ith
fO = 170 MHz
200
240
IDD
Dynamic current on VDDQ
terminated with
120 Ω/CL = 0 pF
fO = 200 MHz
210
250
mA
Differential outputs
t
i t d ith
fO = 170 MHz
260
300
terminated with
120 Ω/CL = 14 pF
fO = 200 MHz
280
320
ΔC
Part-to-part input capacitance
variation
VDDQ = 2.5 V, VI = VDDQ or GND
1
pF
CI(Δ)
Input capacitance difference between
CLK and CLKB, FBIN, and FBINB
VDDQ = 2.5 V, VI = VDDQ or GND
0.25
pF
CO
Output capacitance
VDDQ = 2.5 V, VO = VDDQ or GND
2.5
3
3.5
pF
All typical values are at a respective nominal VDDQ.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
f
Operating clock frequency
60
200
MHz
fCLK
Application clock frequency
60
200
MHz
Input clock duty cycle
40%
60%
Stabilization time{ (PLL mode)
10
μs
Stabilization time} (Bypass mode)
30
ns
The time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK and VDD must be applied. Until phase lock is obtained, the specifications
for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does not apply
for input modulation under SSC application.
A recovery time is required when the device goes from power-down mode into bypass mode (AVDD at GND).
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLHw
Low to high level propagation delay time
Test mode/CLK to any output
3.5
ns
tPHLw
High-to low level propagation delay time
Test mode/CLK to any output
3.5
ns
t
W
Jitter (period) See Figure 7
66 MHz
−60
60
ps
tjit(per)W
Jitter (period), See Figure 7
100/133/167/200 MHz
−35
35
ps
t
W
Jitter (cycle to cycle) See Figure 4
66 MHz
−75
75
ps
tjit(cc)W
Jitter (cycle-to-cycle), See Figure 4
100/133/167/200 MHz
−50
50
ps
t
W
Half period jitter See Figure 8
66 MHz
−100
100
ps
tjit(hper)W
Half-period jitter, See Figure 8
100/133/167/200 MHz
−75
75
ps
tslr(o)
Output clock slew rate, See Figure 9
Load: 120 Ω/14 pF
1
2
V/ns
t
Static phase offset See Figure 5
66 MHz
–100
100
ps
t(Ø)
Static phase offset, See Figure 5
100/133/167/200 MHz
–50
50
ps
tsk(o)
Output skew, See Figure 6
Load: 120 Ω/14 pF
70
100
ps
tr, tf
Output rise and fall times (20% − 80%)
Load: 120 Ω/14 pF
600
900
ps
§ Refers to the transition of the noninverting output.
This parameter is assured by design but can not be 100% production tested.


Similar Part No. - CDCV857BIDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV857BIDGG TI-CDCV857BIDGG Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGG TI1-CDCV857BIDGG Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGG4 TI1-CDCV857BIDGGG4 Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGR TI-CDCV857BIDGGR Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGR TI1-CDCV857BIDGGR Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCV857BIDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com