Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPA10505 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCPA10505
Description  Series 1-W, Isolated, Unregulated DC/DC Converter Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCPA10505 Datasheet(HTML) 3 Page - Texas Instruments

  DCPA10505 Datasheet HTML 1Page - Texas Instruments DCPA10505 Datasheet HTML 2Page - Texas Instruments DCPA10505 Datasheet HTML 3Page - Texas Instruments DCPA10505 Datasheet HTML 4Page - Texas Instruments DCPA10505 Datasheet HTML 5Page - Texas Instruments DCPA10505 Datasheet HTML 6Page - Texas Instruments DCPA10505 Datasheet HTML 7Page - Texas Instruments DCPA10505 Datasheet HTML 8Page - Texas Instruments DCPA10505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
+VS
2
7
6
5
+VOUT
COM
±VS
14
±VOUT
8
SWOUT
SYNCIN
DCPA1
1
+VS
2
7
6
5
+VOUT
±VOUT
±VS
14
NC
8
SWOUT
SYNCIN
DCPA1
3
DCPA10505, DCPA10505D
DCPA10512, DCPA10512D
DCPA10515, DCPA10515D
www.ti.com
SBVS276 – APRIL 2017
Product Folder Links: DCPA10505 DCPA10505D DCPA10512 DCPA10512D DCPA10515 DCPA10515D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
NVA and DUA Package
7-Pin PDIP and SOP (Single Output)
(Top View)
NVA and DUA Package
7-Pin PDIP and SOP (Dual Output)
(Top View)
(1)
I = Input, O = Output
Pin Functions
PIN NAME
PIN NUMBER
I/O (1)
Description
SINGLE-
OUTPUT
DUAL-
OUTPUT
COM
5
O
Output side common
NC
7
No connection
SYNCIN
14
14
I
Synchronization. This pin is used to synchronize to an external clock.
Internally it is pulled to GND. If valid clock is not detected on this pin, the
SN6505 shifts automatically to internal clock.
SWOUT
8
8
O
Unrectified transformer output.
+VOUT
6
6
O
Positive output voltage
+VS
1
1
I
Input voltage
–VOUT
5
7
O
Negative output voltage
–VS
2
2
I
Input side common


Similar Part No. - DCPA10505

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
   D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
   D-SUB PLUG CONTACT
logo
SYNERGY MICROWAVE CORPO...
DCP-2A1 SYNERGY-DCP-2A1 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B2 SYNERGY-DCP-2B2 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B3 SYNERGY-DCP-2B3 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - DCPA10505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com