Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPA10505D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DCPA10505D
Description  Series 1-W, Isolated, Unregulated DC/DC Converter Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCPA10505D Datasheet(HTML) 9 Page - Texas Instruments

Back Button DCPA10505D Datasheet HTML 5Page - Texas Instruments DCPA10505D Datasheet HTML 6Page - Texas Instruments DCPA10505D Datasheet HTML 7Page - Texas Instruments DCPA10505D Datasheet HTML 8Page - Texas Instruments DCPA10505D Datasheet HTML 9Page - Texas Instruments DCPA10505D Datasheet HTML 10Page - Texas Instruments DCPA10505D Datasheet HTML 11Page - Texas Instruments DCPA10505D Datasheet HTML 12Page - Texas Instruments DCPA10505D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Load (%)
10
20
30
40
50
60
70
80
90
100
14.75
14.85
14.95
15.05
15.15
15.25
15.35
D011
Input Voltage (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
13
13.5
14
14.5
15
15.5
16
16.5
17
D012
IOUT = 10%
IOUT = 100%
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
D009
Load (%)
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
D010
9
DCPA10505, DCPA10505D
DCPA10512, DCPA10512D
DCPA10515, DCPA10515D
www.ti.com
SBVS276 – APRIL 2017
Product Folder Links: DCPA10505 DCPA10505D DCPA10512 DCPA10512D DCPA10515 DCPA10515D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics (DCPA10515)
At TA = 25°C, +VS = nominal, (unless otherwise noted)
DCPA10515
Figure 9. Efficiency vs Load
DCPA10515
COUT = 1 µF
20-MHz BW
Figure 10. Output Ripple vs Load
DCPA10515
Figure 11. Load Regulation
DCPA10515
Figure 12. Line Regulation


Similar Part No. - DCPA10505D

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
   D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
   D-SUB PLUG CONTACT
logo
SYNERGY MICROWAVE CORPO...
DCP-2A1 SYNERGY-DCP-2A1 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B2 SYNERGY-DCP-2B2 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B3 SYNERGY-DCP-2B3 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - DCPA10505D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com