Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294682DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294682DRVT
Description  Single-Cell Protector for Li-Ion Batteries
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294682DRVT Datasheet(HTML) 4 Page - Texas Instruments

  BQ294682DRVT Datasheet HTML 1Page - Texas Instruments BQ294682DRVT Datasheet HTML 2Page - Texas Instruments BQ294682DRVT Datasheet HTML 3Page - Texas Instruments BQ294682DRVT Datasheet HTML 4Page - Texas Instruments BQ294682DRVT Datasheet HTML 5Page - Texas Instruments BQ294682DRVT Datasheet HTML 6Page - Texas Instruments BQ294682DRVT Datasheet HTML 7Page - Texas Instruments BQ294682DRVT Datasheet HTML 8Page - Texas Instruments BQ294682DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
bq294602, bq294604, bq294682, bq294624
SLUSAS0D – DECEMBER 2011 – REVISED APRIL 2017
www.ti.com
Product Folder Links: bq294602 bq294604 bq294682 bq294624
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VDD–VSS
–0.3
30
V
Input voltage
V1–VSS
–0.3
8
V
Output voltage
OUT–VSS
–0.3
30
V
Continuous total power dissipation, PTOT
See Thermal
Information
Functional temperature
–65
110
°C
Lead temperature (soldering, 10 s), TSOLDER
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
See Typical Application.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
(1)
3
8
V
Input voltage
V1–VSS
0
5
V
Operating ambient temperature, TA
–40
110
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
bq2946xx
UNIT
DRV (SON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
186.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
90.4
°C/W
RθJB
Junction-to-board thermal resistance
110.7
°C/W
ψJT
Junction-to-top characterization parameter
96.7
°C/W
ψJB
Junction-to-board characterization parameter
90
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
n/a
°C/W


Similar Part No. - BQ294682DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294682DRVT TI1-BQ294682DRVT Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294682DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com