Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1227 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1227
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1227 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1227 Datasheet HTML 1Page - Toshiba Semiconductor RN1227 Datasheet HTML 2Page - Toshiba Semiconductor RN1227 Datasheet HTML 3Page - Toshiba Semiconductor RN1227 Datasheet HTML 4Page - Toshiba Semiconductor RN1227 Datasheet HTML 5Page - Toshiba Semiconductor RN1227 Datasheet HTML 6Page - Toshiba Semiconductor RN1227 Datasheet HTML 7Page - Toshiba Semiconductor RN1227 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1221,RN1222,RN1223,RN1224,RN1225,RN1226,RN1227
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1221,RN1222,RN1223,RN1224
RN1225,RN1226,RN1227
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l High current type (IC(MAX) = 800mA)
l With built-in bias resistors.
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Low VCE (sat)
l Complementary to RN2221~2227
Equivalent Circuit
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1221~1227
VCEO
50
V
RN1221~1224
10
RN1225, 1226
5
Emitter-base voltage
RN1227
VEBO
6
V
Collector current
Ic
800
mA
Collector power dissipation
Pc
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1221~1227
Tstg
−55~150
°C
JEDEC
EIAJ
TOSHIBA
2-4E1A
Weight: 0.13g
Unit: mm
Type No.
R1 (kΩ)R2 (kΩ)
RN1221
1
1
RN1222
2.2
2.2
RN1223
4.7
4.7
RN1224
10
10
RN1225
0.47
10
RN1226
1
10
RN1227
2.2
10


Similar Part No. - RN1227

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1227 TOSHIBA-RN1227 Datasheet
544Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1227

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com