Electronic Components Datasheet Search |
|
LM4050WG2.5-MPR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM4050WG2.5-MPR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page VHYST = lVR1 - VR2l x 10 6 ppm VR LM4050QML SNVS627G – JUNE 2010 – REVISED JULY 2013 www.ti.com LM4050-5.0QML Electrical Characteristics SMD: 5962R0923562 (continued) The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100 μA. Sub- Symbol Parameter Conditions Notes Typical(1) Min Max Units groups CLOAD Load Capacitor Stable Over Temperature See(3) 60 0 100 µF VHYST Thermal Hysteresis ΔT = -55°C to 125°C See(4) 20 ppm (3) Capacitive load not required but improves SET stability. This parameter is ensured by design and/or characterization and is not tested in production. (4) Thermal hysteresis is defined as the change in voltage measured at +25°C after cycling to temperature -55°C and the 25°C measurement after cycling to temperature +125°C. Where: VHYST = Thermal hysteresis expressed in ppm VR = Nominal preset output voltage VR1 = VR before temperature fluctuation VR2 = VR after temperature fluctuation. Post Radiation @ 25°C (1) The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100 μA. Qualification is performed with a 1.5X overtest. See for TOTAL IONIZING DOSE details. Sub- Symbol Parameter Conditions 30 krad 50 krad 100 krad groups IR = 74μA IR= 100μA Reverse Breakdown Voltage VR IR = 1mA Max +0.42% +0.67% +1.75% 1 Tolerance IR = 10mA IR = 15mA (1) Pre and post irradiation limits are identical to those listed under electrical characteristics except as listed in the post radiation table. Post Radiation Tempco (1) TYPICALS Symbol Parameter Conditions 30 krad 50 krad 100 krad Units Average Reverse Breakdown Voltage Temperature Coefficient Drift @ 25°C 74 μA ≤ IR ≤ 15mA +87 +166 +387 ppm/°C ≤ TA ≤ 125°C ΔVR/ΔT Average Reverse Breakdown Voltage Temperature Coefficient Drift @ 74 μA ≤ IR ≤ 15mA +96 +162 +343 ppm/°C −55°C ≤ TA ≤ 25°C (1) Not tested post irradiation. Typical post irradiation values listed in the post radiation Tempco table. Operational Life Test Delta Parameters This table represents the drift seen from initial measurements post 1000hr Operational Life Burn-In. All units will remain within the electrical characteristics limits post 1000hr Operational Life Burn-In. Deltas required for QMLV product at Group B, Sub- Group 5. Symbol Parameter Conditions Note Min Max Units Temp IR = 74µA −0.8 0.8 IR = 100µA −0.8 0.8 Reverse Breakdonwn VR IR = 1mA −0.84 0.84 mV 1 Voltage Tolerance IR = 10mA −1.6 1.6 IR = 15mA −2.6 2.6 Minimum Operating IRMIN −0.623 0.623 µA 1 Current 6 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: LM4050QML |
Similar Part No. - LM4050WG2.5-MPR |
|
Similar Description - LM4050WG2.5-MPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |