Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050WG5.0RLQV Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4050WG5.0RLQV
Description  Precision Micropower Shunt Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050WG5.0RLQV Datasheet(HTML) 2 Page - Texas Instruments

  LM4050WG5.0RLQV Datasheet HTML 1Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 2Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 3Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 4Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 5Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 6Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 7Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 8Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM4050QML
SNVS627G – JUNE 2010 – REVISED JULY 2013
www.ti.com
PIN DESCRIPTIONS
Pin Number
Pin Name
Function
1
GND/NC
Ground or No Connect
2
GND/NC
Ground or No Connect
3
GND/NC
Ground or No Connect
4
GND/NC
Ground or No Connect
5
GND
Ground
6
GND/NC
Ground or No Connect
7
GND/NC
Ground or No Connect
8
GND/NC
Ground or No Connect
9
GND/NC
Ground or No Connect
10
VREF
Reference Voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Reverse Current
20 mA
Forward Current
10 mA
Power Dissipation (TA = 25°C)
(2)
CLGA Package
467 mW
Lead Temperature
(Soldering, 10 seconds)
CLGA Package
260°C
Storage Temperature
-65°C to +150°C
Package Weight (typical)
CLGA Package
241mg
ESD Tolerance (3)
Class 2 (2000V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the
LM4050QML, TJmax = 125°C, and the typical thermal resistance (θJA), when board mounted, is 214°C/W for the 10-Lead Ceramic CLGA
package.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
Temperature Range
-55°C
≤ TA ≤ +125°C
Reverse Current
LM4050-2.5QML
60
μA to 15 mA
LM4050-5.0QML
74
μA to 15 mA
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the
LM4050QML, TJmax = 125°C, and the typical thermal resistance (θJA), when board mounted, is 214°C/W for the 10-Lead Ceramic CLGA
package.
Package Thermal Resistance
θJA
θJA
Package
θJC
(Still Air)
(500LF/Min Air flow)
CLGA Package on 2
214°C/ W
147°C/ W
20.87°C/ W
layer, 1oz PCB
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM4050QML


Similar Part No. - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
284Kb / 19P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
451Kb / 18P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com