Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM137QML-SP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM137QML-SP
Description  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137QML-SP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM137QML-SP Datasheet HTML 2Page - Texas Instruments LM137QML-SP Datasheet HTML 3Page - Texas Instruments LM137QML-SP Datasheet HTML 4Page - Texas Instruments LM137QML-SP Datasheet HTML 5Page - Texas Instruments LM137QML-SP Datasheet HTML 6Page - Texas Instruments LM137QML-SP Datasheet HTML 7Page - Texas Instruments LM137QML-SP Datasheet HTML 8Page - Texas Instruments LM137QML-SP Datasheet HTML 9Page - Texas Instruments LM137QML-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
LM137QML
SNVS313E – DECEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM137QML
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
VIN = −41.3V at +125°C and −55°C
(2)
−41.3V ≤ VIN ≤ −4.25V at +125°C and −55°C
6.6 LM137H
883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VIN = −4.25V, IL = 8mA, VOUT = VRef
(1) (2)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
VRef
Reference Voltage
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -42 V
1
-1.275
-1.225
V
VIN = -41.3 V
2, 3
-1.3
-1.2
V
IQ
Minimum Load Current
VOUT = -1.7 V
1, 2, 3
3.0
mA
VOUT = -1.7 V, VIN = -11.75 V
1, 2, 3
3.0
mA
VOUT = -1.7 V, VIN = -42 V
1
5.0
mA
VOUT = -1.7 V, VIN = -41.3 V
2, 3
5.0
mA
RLine
Line Regulation
-42 V
≤ VIN ≤ -4.25 V
1
-9.0
9.0
mV
-41.3 V
≤ VIN ≤ -4.25 V
2, 3
-23
23
mV
RLoad
Load Regulation
5 mA
≤ IL ≤ 500 mA, VIN = -6.25 V
1, 2, 3
-25
25
mV
5mA
≤ IL ≤ 500 mA, VIN = -14.5 V
1
-25
25
mV
5mA
≤ IL ≤ 150 mA, VIN = -40 V
1, 2, 3
-25
25
mV
IAdj
Adjustment Pin Current
IL = 5 mA
1, 2, 3
100
µA
VIN = -42 V
1
100
µA
VIN = -41.3 V
2, 3
100
µA
Δ IAdj / VLine
Adjust Pin Current
Change vs. Line Voltage
-42 V
≤ VIN ≤ -4.25 V, IL = 5 mA
1
-5.0
5.0
µA
-41.3 V
≤ VIN ≤ -4.25 V, IL = 5 mA
2, 3
-5.0
5.0
µA
Δ IAdj / ILoad
Adjust Pin Current
Change vs. Load
Current
5 mA
≤ IL ≤ 500 mA, VIN = -6.5 V
1, 2, 3
-5.0
5.0
µA
VRth
Thermal Regulation
VIN = -14.5 V, IL = 500 mA, t = 10
mS
1
-5.0
5.0
mV
VIN = -14.5 V, IL = 5 mA, t = 10 mS
1
-5.0
5.0
mV
ICL
Current Limit
VIN = -5 V
1, 2, 3
-1.8
-0.5
A
VIN = -40 V
1, 2, 3
-0.65
-0.15
A
VO
Output Voltage
1
-1.28
-1.22
V
2, 3
-1.3
-1.2
V
(1)
Test at +25°C, ensured but not tested at +125°C and
−55°C
6.7 LM137H
883 Electrical Characteristics AC Parameters
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
RR
Ripple Rejection Ratio
(1)
VIN = -6.25 V, VOUT = VRef,
IL = 125 mA, eI = 1VRMS, F = 120 Hz
4,5,6
66
dB


Similar Part No. - LM137QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML-SP TI1-LM137QML-SP Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML-SP TI-LM137QML-SP Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
LM137QML-SP TI-LM137QML-SP Datasheet
1Mb / 36P
[Old version datasheet]   LM117HVQML-SP RHA 4.25-V to 60-V 3-Terminal Adjustable Regulator
OCTOBER 2021
More results

Similar Description - LM137QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com