Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0805FK-1310RL Datasheet(PDF) 2 Page - YAGEO Corporation

Part # SR0805FK-1310RL
Description  SURGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR0805FK-1310RL Datasheet(HTML) 2 Page - YAGEO Corporation

  SR0805FK-1310RL Datasheet HTML 1Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 2Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 3Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 4Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 5Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 6Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 7Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 8Page - YAGEO Corporation SR0805FK-1310RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.1
Product specification
2
9
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
ORDERING INFORMATION - GLOBAL PART NUMBER
Part number is identified by the series name, size, tolerance, packaging
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
SR0402 to SR2512 chip resistors
with lead-free terminations made by
thick film process.
APPLICATIONS
Telecommunications
Power supplies
Car electronics
FEATURES
AEC-Q200 qualified
Superior to SR series in pulse
withstanding voltage and surge
withstanding voltage.
MSL class: MSL 1
Halogen free epoxy
RoHS compliant
-
Products with lead-free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reduce environmentally
hazardous waste
High component and equipment
reliability
ORDERING EXAMPLE
The ordering code for an SR0805
chip resistor, value 10 KΩ with
±5% tolerance, supplied in 7-inch
tape reel is: SR0805JR-0710KL.
GLOBAL PART NUMBER
SR XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1%
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Based on spec.
(5) TAPING REEL
07 = 7 inch dia. Reel
7W = 7 inch dia. Reel & 2 x standard power
13 = 13 inch dia. Reel
7T = 7 inch dia. Reel & 3 x standard power
(6) RESISTANCE VALUE
1 Ω ≤ R ≤ 100 KΩ
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no
need to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
Resistance rule of global part
number
Resistance coding
rule
Example
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XXKX
(10 to 97.6 KΩ)
10K = 10,000 Ω
97K6= 976,000 Ω
XXXK
(100 KΩ)
100K = 100,000 Ω


Similar Part No. - SR0805FK-1310RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
logo
ABC Taiwan Electronics ...
SR0805100ML ABC-SR0805100ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0805101KL ABC-SR0805101KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0805102KL ABC-SR0805102KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0805120ML ABC-SR0805120ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
More results

Similar Description - SR0805FK-1310RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402JR-071RL YAGEO-SR0402JR-071RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com