Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2202.321NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA2202.321NL
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2202.321NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA2202.321NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2202.321NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P664.E (02/13)
2
pulseelectronics.com
SMT Power Inductors
Power Beads - PA2202.XXXNL Series
Temp Rise vs Power Dissipation
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
0
10
20
30
40
50
60
70
80
90
100
110
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Typical Inducance vs DC Bias @ 25°C
DC Bias (A)
Typical Inducance vs DC Bias @ 100°C
DC Bias (A)
CoreLoss (W)
DB
where DB = 0.32 * L(nH) * DI
0
500
1000
1500
2000
2500
3000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
MHz
700
kHz
600
kHz
500
kHz
400
kHz
300
kHz
200
kHz
0
50
100
150
200
250
300
350
400
05
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0
50
100
150
200
250
300
350
400
05
10
15
20
25
30
35
40
45
50
55
60
65
70
75
.321NL
.361NL
.231NL
.211NL
.181NL
.121NL
.321NL
.361NL
.231NL
.211NL
.181NL
.121NL
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.


Similar Part No. - PA2202.321NL

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Keysight Technologies
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
logo
Pulse A Technitrol Comp...
PA2204NL PULSE-PA2204NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA2202.321NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com