Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2010JS-7W9K76L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RC2010JS-7W9K76L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC2010JS-7W9K76L Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button RC2010JS-7W9K76L Datasheet HTML 2Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 3Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 4Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 5Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 6Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 7Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 8Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 9Page - YAGEO Corporation RC2010JS-7W9K76L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
7
10
SERIES
RC_L
0075 to 2512
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
RC0402 to RC2512 Range: -55℃ to +155℃ (Fig. 7-1)
RC0075 to RC0201 Range: -55℃ to +125℃ (Fig. 7-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
RC0075=1/50W
RC0100=1/32W
RC0201=1/20W
RC0402=1/16W, 1/8W
RC0603=1/10W, 1/5W
RC0805=1/8W, 1/4W
RC1206=1/4W, 1/2W
RC1210=1/2W
RC1218=1W
RC2010=3/4W
RC2512=1W, 2W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by the
following formula:
V =
)
(
PxR
or max. working voltage whichever is less
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE PAPER TAPING REEL (R)
ESD SAFE REEL (S)
(4MM WIDTH, 1MM PITCH
PLASTIC EMBOSSED)
EMBOSSED
TAPING REEL
REEL DIMENSION 7" (178 mm)
13" (330 mm)
7" (178 mm)
7" (178 mm)
RC0075
---
---
20,000
---
RC0100
20,000
80,000
40,000
---
RC0201
10,000
50000
---
---
RC0402
10,000
50000
---
---
RC0603
5,000
20000
---
---
RC0805
5,000
20000
---
---
RC1206
5,000
20000
---
---
RC1210
5,000
20000
---
---
RC1218
---
---
---
4,000
RC2010
---
---
---
4,000
RC2512
---
---
---
4,000
NOTE
For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Fig. 7-2 Maximum dissipation (P) in percentage of rated
poweras a function of the operating ambient
temperature (Tamb)
Fig. 7-1 Maximum dissipation (P) in percentage of rated
poweras a function of the operating ambient
temperature (Tamb)


Similar Part No. - RC2010JS-7W9K76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC2010JS-7N1MP YAGEO-RC2010JS-7N1MP Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC2010JS-7N97R6P YAGEO-RC2010JS-7N97R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC2010JS-7N9K76P YAGEO-RC2010JS-7N9K76P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC2010JS-7W9K76L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com